Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 331 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 331 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 327Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 328Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 329Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 330Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 331Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 332Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 333Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 334Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 335Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 331 / 426 page
background image
Hardware Description
MFC 2000 Multifunctional Peripheral Controller 2000
100723A
Conexant
17-9
Parallel Port Data Bus Status Register
Address
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default
Parallel Port Data
Bus Status Reg.
(PIODataBusSTS)
$01FF820B (R)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
Rst. Value
xxh
Read Value
00h
Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
Parallel Port Data
Bus Status Reg.
(PIODataBusSTS)
$01FF820A (R)
PDBUS(7)
PDBUS(6)
PDBUS(5)
PDBUS(4)
PDBUS(3)
PDBUS(2)
PDBUS(1)
PDBUS(0)
Rst. Value
00h
Read Value
00h
PPDBUS Data Bus Status
This 8 bit field is the status of the parallel port data bus ippid[7:0]. This
normally is needed only for diagnostic purposes. This is a read-only
status register.
Parallel Port Host Timeout Register
Address
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default
Parallel Port Host
Timeout Reg.
(PIOHostTimeOut)
$01FF820D
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
Rst. Value
xxh
Read Value
00h
Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
Parallel Port Host
Timeout Reg.
(PIOHostTimeOut)
$01FF820C
HTIM(7)
HTIM(6)
HTIM(5)
HTIM(4)
HTIM(3)
HTIM(2)
HTIM(1)
HTIM(0)
Rst. Value
00h
Read Value
00h
HTIM
Host Timeout
This 8 bit field controls the timer for the host timeout error interrupt
HTE. The timer counts from the system timer which is usually
programmed to count every 8 msec. HTTM is usually programmed
with a value of 0x7d (125) so that a host timeout interrupt occurs after
1 sec. If the host timeout error interrupt HTE is not desired, then
interrupt enable should be false.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com