Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 333 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 333 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 329Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 330Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 331Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 332Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 333Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 334Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 335Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 336Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 337Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 333 / 426 page
background image
Hardware Description
MFC 2000 Multifunctional Peripheral Controller 2000
100723A
Conexant
17-11
Interrupt Mask Register
Address
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default
Parallel Port Interrupt
Mask.
(PIOIRQMask)
$01FF8211
(Not Used)
DMARIRQ
MASK
DMAFIRQ
MASK
HTE
MASK
RDX
MASK
IVT
MASK
CRX
MASK
DRX
MASK
Rst. Value
x0000000b
Read Value
00h
Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
Parallel Port Interrupt
Mask
(PIOIRQMask)
$01FF8210
INIL
MASK
INIH
MASK
AFDL
MASK
AFDH
MASK
STRL
MASK
STRH
MASK
SINL
MASK
SINH
MASK
Rst. Value
00h
Read Value
00h
The mask register will be used to enable the interrupts when writing one to each corresponding bit and disable the
interrupts when writing zero to the corresponding bit.
FIFO Interface Register
Address
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default
Parallel Port
FIFO Interface
PIOFIFOIF
01FF8213
(Not Used)
(Not Used)
REVFIFO_
LCLCLEARI
NG
(RD)
REVFIFO_
LCLFLUSHI
NG
(RD)
REVFIFO_
LCLREQ
(RD)
FWDFIFO_
LCLCLEARI
NG
(RD)
FWDFIFO_
LCLFLUSHI
NG
(RD)
FWDFIFO_
LCLREQ
(RD)
Rst. Value
xx000000b
Read Value
00h
Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
Parallel Port
FIFO Interface
PIOFIFOIF
01FF8212
REVFIFO_
LCLCLR
FWDFIFO_
LCLCLR
FWDFIFO_
TC0EN
FWDFIFO_
ENABLE
FWDFIFO_
FLUSH
REVFIFO_
TC0EN
REVFIFO_
ENABLE
REVFIFO_
FLUSH
Rst. Value
00h
Read Value
00h
REVFIFO_FLUSH
causes the reverse FIFO to execute a flush of its contents.
REVFIFO_ENABLE
enables the reverse FIFO operation. When false, any pending DMA
requests are first completed before the reverse FIFO becomes
disabled.
REVFIFO_TC0EN
When low it enables the reverse FIFO DMA operation.
FWDFIFO_FLUSH
causes the forward FIFO to execute a flush of its contents.
FWDFIFO_ENABLE
enables the forward FIFO operation. When false, any pending DMA
requests are first completed before the forward FIFO becomes
disabled.
FWDFIFO_TC0ENA
When low it enables the forward FIFO DMA operation.
FWDFIFO_LCLCLR
FWD FIFO local asynchronous clear except waits for any pending
DMA requests to finish before reset.
REVFIFO_LCLCLR
REV FIFO local asynchronous clear except waits for any pending
DMA requests to finish before reset.
FWDFIFO_LCLREQ
FWD FIFO local request is similar to dmareq but ignores dmaEq0
input. Used for firmware DMA as a status signal.
FWDFIFO_LCLFLUSHING
high when lclFlush is pulsed high and stays high until the FIFO is
flushed.
FWDFIFO_LCLCLEARING
high when lclClr is pulsed and stays high until the clear can be
done(no dmaReq).
REVFIFO_LCLREQ
REV FIFO local request is similar to dmareq but ignores dmaEq0
input. Used for firmware DMA as a status signal.
REVFIFO_LCLFLUSHING
high when lclFlush is pulsed high and stays high until the FIFO is
flushed.
REVFIFO_LCLCLEARING
high when lclClr is pulsed and stays high until the clear can be done
(no dmaReq).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com