Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 335 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 335 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 331Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 332Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 333Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 334Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 335Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 336Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 337Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 338Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 339Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 335 / 426 page
background image
Hardware Description
MFC 2000 Multifunctional Peripheral Controller 2000
100723A
Conexant
17-13
Output data FIFO Control Register for the data to the external memory (the forward direction)
(for DMA channel 11):
Address:
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default:
Parallel Port Output
Data FIFO Control
Register
(PIOOutFIFOCtrl)
$01FF822B
FIFO
Enabled
(R)
Data
Request
(R)
FIFO
Ready
(R)
FIFO DMA Threshold
FIFO Output Pointer
Rst Value
00h
Read Value
00h
Address:
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default:
Parallel Port Output
Data FIFO Control
Register
(PIOOutFIFOCtrl)
$01FF822A
(Not Used)
Holding
Register Full
Byte Present FIFO Data Quantity
FIFO Input Pointer
Rst Value
x0000000b
Read Value
00h
Bit 15:
This bit indicates that the FIFO is active and capable of generating
DMA requests. This bit generally follows the setting of the LCL_ENB
input signal except the FIFO Enabled register bit will remain asserted
if the LCL_ENB input signal is set to false while the FIFO is executing
a DMA transfer. In this case, the register bit will remain set for the
duration of the DMA transfer and then become cleared.
Bit 14:
This bit is similar to the DMA_REQ signal except that it is not blocked
when DMA_TC0 is set. It indicates that the programmed threshold has
been met or exceeded and that the FIFO requires data transfers either
by enabling hardware DMA through DMA_TC0 or by executing
software DMA cycles.
Bit 13:
This bit indicates that the FIFO can accept data transfers to/from the
local logic. This bit is low when the data direction is into the local logic
and the FIFO is empty or when the data direction is out of the local
logic and the FIFO is full.
Bit 12-10:
This bit field indicates at which point the FIFO should issue a DMA
request. It is compared with the FIFO Data Quantity bit field to
determine when this should occur. Legal values are from 1 to 4. A
value of zero causes no data transfers to occur. Values greater than 4
are treated as 4.
Bit 9-8:
This bit field indicates which byte of the FIFO quad halfword structure
is the next to be used as output data.
Bit 7:
Not used
Bit 6:
This bit indicates that there is a full word in the holding register.
Bit 5:
This bit indicates that there is a single byte in the holding register.
Bit 4-2:
This bit field indicates the number of quad halfwords that contain data.
Valid values are from 0 to 4.
Bit 1-0:
This bit field indicates which byte of the FIFO quad halfword structure
is the next to receive input data.
Note: It is strongly recommended that the FIFO be disabled before firmware writes to the FIFO
Control register. The FIFO Control register contains data that is essential to the FIFO’s
operation. If this data is changed while the FIFO is operating, unpredictable operation will result.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com