Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 339 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 339 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 335Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 336Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 337Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 338Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 339Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 340Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 341Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 342Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 343Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 339 / 426 page
background image
Hardware Description
MFC 2000 Multifunctional Peripheral Controller 2000
100723A
Conexant
17-17
17.5.2 Nibble Mode Timing
The Nibble mode is the most common way to get reverse channel from printer or peripheral. This mode is usually
combined with the compatibility mode or a proprietary forward channel mode to create a complete bi-direction
channel.
The Nibble Mode Phase transitions:
1.
Host signal ability to take data by asserting AUTOFDn low
2.
Peripheral responses by placing first nibble on status lines(FAULTn,SLCTOUT,PE and BUSY)
3.
Peripheral signals valid nibble by asserting ACKn low
4.
Host sets AUTOFDn high to indicate that it has received the nibble and is not ready for another nibble.
5.
Peripheral set ACKn high for the second nibble.
AUTOFDn
ACKn
FAULTn
SLCTOUT
PE
BUSY
BITS[1:4]
BITS[5:8]
Figure 17-3. Nibble Mode Data Transfer Cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com