Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 340 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 340 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 336Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 337Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 338Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 339Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 340Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 341Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 342Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 343Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 344Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 340 / 426 page
background image
MFC2000 Multifunctional Peripheral Controller 2000
Hardware Description
17-18
Conexant
100723A
17.5.3 Byte Mode Timing
Byte mode is a reverse channel data transfer used to provide data rates into the PC approaching that of
compatibility mode.
The byte mode signal handshaking is as follows:
1.
Host signals ability to take data by asserting AUTOFDn low
2.
Peripheral responds by placing first byte on data lines
3.
Peripheral signals valid byte by asserting ACKn low
4.
Host sets AUTOFDn high to indicate it has received data
5.
Peripheral sets ACKn high to acknowledge host
6.
Host pulses STROBEn as an acknowledge to the peripheral.
AUTOFDn
ACKn
STROBEn
OPPID[7:0]
Figure 17-4. BYTE Mode Data Transfer Cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com