Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 338 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 338 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 334Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 335Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 336Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 337Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 338Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 339Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 340Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 341Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 342Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 338 / 426 page
background image
MFC2000 Multifunctional Peripheral Controller 2000
Hardware Description
17-16
Conexant
100723A
17.5 Timing
17.5.1 Compatibility Timing
When this mode of handshaking is enabled, the PPI automatically generates BUSY upon reception of the leading
edge of STROBEn from the host, and latches the logic levels to the ippid bus and AUTOFDn in the Parallel Port
Data Register. The PPI then waits for the STROBEn to de-assert and the Parallel Port Data Register to be read.
After the later of these events occurs, the PPI asserts ACKn for the duration specified in the Parallel Port ACK
Pulse Width Register and then de-asserts ACKn and BUSY to conclude the data transfer.
When data is latched into the Parallel Port Data Register, the PPI controller generates two events: an internal
parallel port DMA request, and a processor interrupt request. Software may alternate between DMA and interrupt
based data transfers. The DMA request remain active until the data is read by either the DMA channel, or the
processor in response to the interrupt request.
If the Forward DMA FIFO has been enabled, the Forward DMA FIFO generates fdmareq after reading the Parallel
Port Data Register and writing the data to its internal half word quad registers. When the fdmack is generated the
DMA channel reads the Forward FIFO internal Registers, ACKn is pulsed, BUSY is deserted, and the fdmack is
cleared.
17.5.1.1 Compatibility Mode Timing Diagram
1.
Host writes data to the data bus
2.
If obusy is not active, the host will assert the istroben low.
3.
Peripheral will assert obusy high to indicate data transfer cycle.
4.
Host will set the istroben and at the rising edge, the peripheral will latch the data .
5.
Peripheral asserts oackn low to acknowledge the transfer and drops the obusy.
IPPID[7:0]
STROBEn
BUSY
ACKn
Latch data Request
Interrupt
Read data Make ACK
pulse
Figure 17-2. Compatibility Mode Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com