Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 334 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 334 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 330Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 331Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 332Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 333Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 334Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 335Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 336Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 337Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 338Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 334 / 426 page
background image
MFC2000 Multifunctional Peripheral Controller 2000
Hardware Description
17-12
Conexant
100723A
DMA FIFO Registers
There will be two 4 half word FIFOs used for forward and reverse DMA transfers. The FIFO locations will be
accessed from CPU as well as DMA. The address locations for the forward DMA FIFO will be 01FF8220 to
01FF822F. The address locations for the reverse FIFO will be 01FF8230 to 01FF823F.
Output data FIFO halfword[3:0] for the data to the external memory (the forward direction) (for DMA
channel 11):
Address:
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default:
Parallel Port Output
Data FIFO
(PIOOutFIFOx)
data
bit 15
data
bit 14
data
bit 13
data
bit 12
data
bit 11
data
bit 10
data
bit 9
data
bit 8
Rst Value
00h
Read
Value 00h
Address:
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default:
Parallel Port Output
Data FIFO
(PIOOutFIFOx)
data
bit 7
data
bit 6
data
bit 5
data
bit 4
data
bit 3
data
bit 2
data
bit 1
data
bit 0
Rst Value
00h
Read
Value 00h
•
Address assignment for Output FIFO halfword[3:0]
The Input FIFO halfword
The register name
Address
Output FIFO halfword 3
PIOOutFIFO3
01FF8227-26
Output FIFO halfword 2
PIOOutFIFO2
01FF8225-24
Output FIFO halfword 1
PIOOutFIFO1
01FF8223-22
Output FIFO halfword 0
PIOOutFIFO0
01FF8221-20
Output data FIFO Holding Register for the data to the external memory (the forward direction)
(for DMA channel 11):
Address:
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default:
Parallel Port Output
Data FIFO Holding
Register
(PIOOutHold)
$01FF8229
data
bit 15
data
bit 14
data
bit 13
data
bit 12
data
bit 11
data
bit 10
data
bit 9
data
bit 8
Rst Value
xxh
Read
Value xxh
Address:
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default:
Parallel Port Output
Data FIFO Holding
Register
(PIOOutHold)
$01FF8228
data
bit 7
data
bit 6
data
bit 5
data
bit 4
data
bit 3
data
bit 2
data
bit 1
data
bit 0
Rst Value
00h
Read
Value 00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com