Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 332 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 332 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 328Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 329Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 330Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 331Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 332Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 333Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 334Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 335Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 336Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 332 / 426 page
background image
MFC2000 Multifunctional Peripheral Controller 2000
Hardware Description
17-10
Conexant
100723A
Interrupt Status Register
Address
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default
Parallel Port Interrupt
Status
(PIOIRQSTS)
$01FF820F
(Not Used)
DMARIRQ
DMAFIRQ
HTE
RDX
IVT
CRX
DRX
Rst. Value
x0000000b
Read Value
00h
Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
Parallel Port Interrupt
Status
(PIOIRQSTS)
$01FF820E
INIL
INIH
AFDL
AFDH
STRL
STRH
SINL
SINH
Rst. Value
00h
Read Value
00h
SINH
SLCTINn high edge interrupt.
SINL
SLCTINn low edge interrupt.
STRH
STROBEn high edge interrupt.
STRL
STROBEn low edge interrupt.
AFDH
AUTOFDn high edge interrupt.
AFDL
AUTOFDn low edge interrupt.
INIH
INITn high edge interrupt.
INIL
INITn low edge interrupt.
DRX
data received interrupt.
CRX
command received interrupt.
IVT
invalid transition interrupt.
RDX
rev data sent interrupt.
THE
host timeout interrupt.
FDM AIRQ
Forward transfer DMA end of block interrupt
RDM AIRQ
Reverse transfer DMA end of block interrupt
Clearing any interrupt requires writing a 1 to the corresponding bit in
the interrupt status register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com