Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 328 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 328 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 324Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 325Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 326Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 327Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 328Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 329Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 330Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 331Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 332Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 328 / 426 page
background image
MFC2000 Multifunctional Peripheral Controller 2000
Hardware Description
17-6
Conexant
100723A
Parallel Port Interface Register
The Parallel Port Interface Register is a read/write register that contains eleven bits to control the parallel port
interface signals. Four read-only bits are used to read the logic level of host input pins, two read-only bits are
used to read the logic level on the BUSY and ACKn printer output pins, and five read/write bits control the logic
levels on the printer output pins. When hardware handshaking is enabled(mode 1,2,3) BUSY and ACKn are
controlled by the PPI state machine. When hardware handshaking is disabled (mode 0) and the PPI state
machine is idle BUSY and ACKn may be controlled by the software using the FBSY and FACK bits.
Note: NFLT,SEL,PERR and FBSY are arranged as register bits 0, 1, 2, and 3, respectively, to
correspond to their use as parallel data lines during nibble mode reverse data transfers.
Address
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default
Parallel Port
Interface Reg.
(PIOIF)
$01FF8203
(Not Used)
FRDA
SPER
(R)
SSEL
(R)
SNFL
(R)
NINI
(R)
NAFD
(R)
NSTR
(R)
Rst. Value
x0000000b
Read Value
07h
Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
Parallel Port
Interface Reg.
(PIOIF)
$01FF8202
NSIN
(R)
NACK
(R)
BUSY
(R)
FACK
FBSY
PERR
SEL
NFLT
Rst. Value
08h
Read Value
08h
NFLT
FAULTn
This bit controls the logic level driven on FAULTn output pin. Setting
NFLT drives a high level and clearing SEL drives a low level.
SEL
SLCTOUT
This controls the logic level driven on the SLCTOUT output pin.
Setting SEL drives a high level and clearing SEL drives a low level.
PERR
Paper Error
This bit controls the logic level driven on the PE output pin. Setting
PERR drives a high level and clearing PERR drives a low level.
FBSY
Force Busy
This bit force a high level to be driven on the BUSY output pin.
Normally this is done when hardware handshaking is disabled(mode
0), and the PPI state machine is idle. The FBSY bit is OR’ed with the
BUSY output from the PPI state machine before driving the BUSY
output pin. IF FBSY is set, then the BUSY output pin is forced high,
and the BUSY bit is read high. This bit is set on reset.
FACK
Force Ack
This bit forces a low level to be driven on the ACKn output pin.
Normally this is done when hardware handshaking is disabled (mode
0), and the PPI state machine is idle. The FACK bit is NOR’ed with the
ACKn output from the PPI state machine before driving the ACKn
output pin. If FACK is set, then the ACKn output pin is forced low, and
the NACK bit is to be read low.
BUSY
This status bit indicates the level driven on the BUSY output pin. This
bit is the FBSY bit OR’ed with BUSY output from the PPI state
machine. Since FBSY is set on reset, this bit will appear set on reset.
This is a read-only status bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com