Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 330 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 330 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 326Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 327Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 328Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 329Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 330Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 331Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 332Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 333Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 334Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 330 / 426 page
background image
MFC2000 Multifunctional Peripheral Controller 2000
Hardware Description
17-8
Conexant
100723A
NCMD
Command
When read, this bit provides the logic level of the AUTOFDn pin when
STROBEn (hostClk) transitioned from high to low with PDOE clear. If
set, AUTOFDn was latched high. If low, AUTOFDn was latched low.
This is a read-only data bit. Writing NCMD has no effect.
Parallel Port ACK Pulse Width Register
The Parallel Port ACK Pulse Width Register is an 8-bit read/write register that defines the pulse width of ACKn
during compatibility mode (MODE = 1), and setup timing relative to ACKn during reverse transfer modes
(MODE=4,4,6). The Parallel Port ACKn Pulse Width Register can be written and rewritten to program different
timing values as transitions are made to new transfer modes.
An ACKn pulse width can be programmed to be 0 to 255 IHSCLK periods wide. At 20MHZ, this allows software to
set pulse widths anywhere in the range of 0 to 12.75us. If ACKW is set to zero, no ACKn pulse is generated at the
end of compatibility mode cycles.
Setup timing relative to ACKn during reverse transfer modes can be programmed to be 1 to 256 IHSCLK periods.
During nibble or byte modes(MODE=4,5), ACKW defines the setup timing from nibble or byte data (event 8 or 15)
and the falling edge of ACKn (event 9), or from peripheral status (event 13) to the rising edge of ACKn (event 11).
During ECP reverse transfers (MODE = 6), ACKW defines the setup timing from reverse data (event 42) to the
falling edge of ACKn (event 43).
Address
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default
Parallel Port ACK
Pulse Width Reg.
(PIOAckPW)
$01FF8207
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
Rst. Value
xxh
Read Value
00h
Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
Parallel Port ACK
Pulse Width Reg.
(PIOAckPW)
$01FF8206
ACKW(7)
ACKW(6)
ACKW(5)
ACKW(4)
ACKW(3)
ACKW(2)
ACKW(1)
ACKW(0)
Rst. Value
00h
Read Value
00h
ACKW
ACKn Pulse Width
This 8 bit field defines the pulse width of ACKn during compatibility
mode transfers (MODE = 1), and the setup relationship relative to
ACKn during reverse transfer modes (MODE=4,5,6). A pulse width
from 0 to 255 IHSCLK periods can be programmed.
Parallel Port Reverse Data Status Register
Address
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default
Parallel Port Reverse
Data Status Reg.
(PIORevDataSTS)
$01FF8209 (R)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
Rst. Value
xxh
Read Value
00h
Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
Parallel Port Reverse
Data Status Reg.
(PIORevDataSTS)
$01FF8208 (R)
RVDAT(7)
RVDAT(6)
RVDAT(5)
RVDAT(4)
RVDAT(3)
RVDAT(2)
RVDAT(1)
RVDAT(0)
Rst. Value
00h
Read Value
00h
REVD ATA Reverse Data
This 8-bit field is the status of the reverse data that was written into the
Parallel Port Data Register oppid[7:0]. This normally is needed only for
diagnostic purposes. This is a read-only status register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com