Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 354 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 354 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 350Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 351Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 352Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 353Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 354Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 355Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 356Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 357Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 358Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 354 / 426 page
background image
MFC2000 Multifunctional Peripheral Controller 2000
Hardware Description
19-4
Conexant
100723A
Address:
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default:
SSDiv1
01FF8105
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
Rst. Value
xxh
Read Value
00h
Address:
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default:
SSDiv1
01FF8104
SSInFull1
(Not Used)
(Not Used)
(Not Used)
SSCLK1 Divisor
Rst. Value
0xxx0000b
Read Value
00h
Register Description: This register controls the bits of the SSCLK1 Divisor.
Bit 7:
SSInFull1, Read bit.
This bit indicates the status of the input register.
0: Empty (default)
1: Full
This bit allows the Firmware to poll the status of the serial interface
when the use of the interrupt is not desired and is cleared by reading
the in SSIF1 Data Register. SSInFull1 is active on the falling edge of
AUXCLK1 and is used by Interrupt controller where it masked.
Bit 6-4:
Not used
Bit 3-0:
DivReg (Divisor Register), Read/Write bits.
The Div Register is the SSCLK1 Divisor Register, which defines the
SSCLK1 frequency. Writing the DivReg register will cause the SSIF1
logic to load the internal counter. Firmware can transmit data with the
right speed immediately after the SSCLK1 setup.
The SSCLK1 Divisor Register defines the SSCLK1 frequency, which depends on the AUXCLK frequency. The
SSCLK1 Divisor Register is a five bit register. The SSCLK1 frequency (fSCK)and Divisor relationship is:
F
AUXCLK
Divisor
SCK =
+
21
*(
)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com