Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 357 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 357 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 353Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 354Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 355Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 356Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 357Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 358Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 359Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 360Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 361Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 357 / 426 page
background image
Hardware Description
MFC 2000 Multifunctional Peripheral Controller 2000
100723A
Conexant
19-7
Address:
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default:
SSDiv2
01FF810D
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
Rst. Value
xxh
Read Value
00h
Address:
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default:
SSDiv2
01FF810C
SSInFull2
(Not Used)
(Not Used)
(Not Used)
SSCLK2 Divisor
Rst. Value
0xxx0000b
Read Value
00h
Register Description: This register controls the bits of the SSCLK2 Divisor.
Bit 7:
SSInFull2, Read bit.
This bit indicates the status of the input register.
0: Empty (default)
1: Full
This bit allows the Firmware to poll the status of the serial interface
when the use of the interrupt is not desired and is cleared by reading
the in SSIF2 Data Register. SSInFull2 is active on the falling edge of
AUXCLK and is used by Interrupt controller where it masked.
Bit 6-4:
Not used
Bit 3-0:
DivReg (Divisor Register), Read/Write bits.
The Div Register is the SSCLK2 Divisor Register, which defines the
SSCLK frequency. Writing the DivReg register will cause the SSIF
logic to load the internal counter. Firmware can transmit data with the
right speed immediately after the SSCLK2 setup.
The SSCLK2 Divisor Register defines the SSCLK2 frequency, which depends on the AUXCLK frequency. The
SSCLK2 Divisor Register is a 5-bit register. The SSCLK2 frequency (fSCK)and Divisor relationship is:
TO BE ADDED
19.3 SSIF Timing
19.3.1 SSCLK Timing
When SSCLK is on (Figure 19-4), the duty cycle of SSCLK is always 50%. The SSCLK polarity is controlled by
the SSIF Command Register SSCLKPol Bit. When the SSCLKPol bit and the phase control is cleared (default),
the SSTXD signal transition is on the SSCLK falling edge. External logic can latch the SSTXD signal on the
SSCLK rising edge. When the SSCLKPol bit is set, the SSTXD signal transition is on the rising edge of the
SSCLK. External logic can latch the SSTXD signal on the SSCLK falling edge. For each write to the empty SSIF
Data Register, the SSCLK will be active for eight cycles. When there is no data on the SSTXD pin, the SSCLK will
stay in idle state, (logic zero when SSCLKPol bit is clear, and logic one when the SSCLKPol bit is set).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com