Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 359 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 359 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 355Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 356Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 357Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 358Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 359Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 360Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 361Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 362Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 363Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 359 / 426 page
background image
Multifunctional Peripheral Controller 2000
MFC2000
100723A
Conexant
20-1
20. Programmable Tone Generators
20.1 Introduction
The AMFPC provides three programmable clock generator outputs. Two of the generators are to be used as tone
generators and the third as a bell or ring driver.
20.2 Bell/Ringer Generator
The frequency of this bell/ringer generator is programmable, ranging from 500 Hz to 15.6 Hz. This frequency is
derived from the AMFPC’s internal 125
µs period Clock, and it is calculated based on the following formula:
OutputFrequency
s
BellPeriod
=
×+ ×
1
125
1
16
µ ()
, where BellPeriod is ranging from 0 to 31.
Each bell/ringer period is divided into 16 phases, as shown in the following figure. The phase number may be
used by the firmware to determine when to turn off bell signal.
0F
E
D
C
B
A
987654
3
210
F
1
Hi-Z
Hi-Z
Hi-Z
Phase:
Bell Mode:
Ringer Mode:
Modulated b y ALTTone Generator
E
period
50% x period
50% x period
Figure 20-1. Bell/Ringer Timing
The mode of operation for this bell/ringer generator is selected by RingerEnb bit in BellControl register.
Figure 20-2 shows the block diagram of this bell/ringer generator.
Table 20-1shows the relationship between BellPeriod value and output frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com