Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 362 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 362 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 358Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 359Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 360Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 361Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 362Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 363Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 364Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 365Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 366Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 362 / 426 page
background image
MFC2000 Multifunctional Peripheral Controller 2000
Hardware Description
20-4
Conexant
100723A
To setup for Ringer mode, the following steps must be taken:
Initialize:
1.
Write the desired frequency of bell in BellPeriod register (see Table 20-1)
2.
Enable output drive (BellDriveEnb = 1, will over-ride Hi Z control)
3.
Enable ringer mode (RingerEnb = 1)
4.
Write the desired frequency of tone1 in ALTToneGen register
5.
If ALTTone signal is not desired on the ALTTone pin, then disable ALTTone signal to the pin
(ALTToneEnb = 0).
Note: ALTToneEnb is only to enable the ALTTone signal to the ALTTone pin. If ALTToneEnb =
0, ALTTone signal will be blocked to ALTTone pin, but ALTTone signal is still available to
Bell/Ringer generator for modulation purpose.
Start ringer signal:
1.
Enable Bell generator (BellEnb = 1)
2.
(This setting will start the counter to run)
Create “Ring-Quiet-Ring” signal:
1.
The firmware can generate the signal by switching the BellEnb setting.
20.2.3 Registers Description
The following is a description of the registers used to control the Bell/Ringer Function.
Address:
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default:
BellPeriod
01FF80B7
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
Rst. Value
xxh
Read Value
00h
Address:
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default:
BellPeriod
01FF80B6
(Not Used)
(Not Used)
(Not Used)
Bell Period (0 - 31), bell period = (BellPeriod+1)*2ms
Rst. Value
xxx00000b
Read Value
00h
Register Description: Bell Period Register
Bit 15-5:
Not Used
Bit 4-0:
Writing to this register will set the Bell Period. Reading this register will
return that value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com