Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 366 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 366 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 362Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 363Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 364Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 365Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 366Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 367Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 368Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 369Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 370Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 366 / 426 page
background image
MFC2000 Multifunctional Peripheral Controller 2000
Hardware Description
20-8
Conexant
100723A
The frequency of the tone generators can be set according to the following formula:
ToneFrequency
AUXCLK
ToneGenValue
=
() * * *
88 2
Note:
ToneGenValue is the value in ALTToneGen or ToneGen Freq1 and Freq2 registers.
When ToneGenValue is zero, then the tone generator is disabled, and the output is low.
20.3.2 Registers Description
Address:
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default:
ALTToneGen
01FF80B3
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
ALTTone Frequency
Register
Rst. Value
xxxxxx00b
Read Value
00h
Address:
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default:
ALTToneGen
01FF80B2
ALTTone Frequency Register
Rst. Value
00h
Read Value
00h
Register Description: ALTTone Generator Register. Read/Write register sets the frequency of ModTone.
Bit 9-0:
ALTTone frequency
Note:
When ALTToneGen = 0, then ALTTone is disabled and the ALTTone output to pin is 0.
Address:
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default:
ToneGenF1
01FF80B1
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
Tone Frequency 1
Register
Rst. Value
xxxxxx00b
Read Value
00h
Address:
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default:
ToneGenF1
01FF80B0
Tone Frequency 1 Register
Rst. Value
00h
Read Value
00h
Register Description: Tone Generator Register. Read/Write register sets the frequency of Tone Frequency 1.
Bit 9-0:
Tone frequency 1
Note:
When Tone = 0, then tone is disabled and the tone output to pin is 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com