Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 368 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 368 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 364Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 365Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 366Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 367Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 368Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 369Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 370Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 371Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 372Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 368 / 426 page
background image
MFC2000 Multifunctional Peripheral Controller 2000
Hardware Description
20-10
Conexant
100723A
Address:
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default:
ToneGenTotal
01FF80BF
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
Tone Frequency Total
Time
Rst. Value
xxxxxx00b
Read Value
00h
Address:
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default:
ToneGenTotal
01FF80BE
Tone Frequency Total Time
Rst. Value
00h
Read Value
00h
Register Description: Tone Generator Total Time Register. Read/Write register sets the time of Frequency 1
plus Frequency 2 duration. When set to 000’h, The tone output will remain low or will be held low once the output
switches to it’s low state, and all counters will be held in reset (000’h). When this register is set to a non zero
value, the counters will be released alowing generation of the tone signal.
The the end of the total time will not take effect until the output of the tone is low, preventing truncation of the
ouput signal when high.
Bit 9-0:
Tone Frequency Total Time (0 to 104.8 mS in 102.4 uS steps)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com