Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 364 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 364 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 360Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 361Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 362Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 363Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 364Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 365Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 366Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 367Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 368Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 364 / 426 page
background image
MFC2000 Multifunctional Peripheral Controller 2000
Hardware Description
20-6
Conexant
100723A
20.3 Tone Generator
There are two tone generators which can be operated independently, namely ALTTone and Tone. ALTTone can
be used alone or with the bell/ringer generator for modulation purpose. The duty cycle of the tone signal is 50%.
Frequency modulation on the tone signal can be controlled by the firmware. While the tone generator is running,
the firmware may write a new value to the frequency register which will take effect on the start of the next tone
cycle. The tone signal is guaranteed to have a smooth transition to the new frequency Figure 20-4 shows an
example of increasing frequency with smooth transition on the tone signal.
G litch free
To n e :
1
25 5
C o unter
O u tput:
w r itin g a n ew va lu e to T oneG en r egister
Figure 20-4. Tone Generator Frequency Change
20.3.1 Tone/AltTone
The signal generator called Tone, has the ability to generate a dual-tone output. The output frequency switch time
and total cycle time are both programmable from 0 to 104.8mS with a step resolution of 102.4uS. Figure 1-5 is a
block diagram of the Tone signal generator. Frequency Register 1 and 2 hold the value of the two alternating
frequencies. Switch time specifies the time at which the output frequency stitches from Freq1 to Freq2. The total
time register sets the total time of the repeating pattern. Figure 1-6 shows the timing diagram of when the output
frequency counter switches between Freq1 and Freq2. Figure 1-7 depicts a waveform of a dual-tone output
pattern showing what settings effect what portion of the output. Figure 1-8 is a block diagram of the AltTone
frequency generator.
Frequency Register1
10 Bits
Frequency Register 2
10 Bits
Tot Time Cnter 0 - 104.8mS
10 Bits
Sw Time Cnter 0 - 104.8mS
10 Bits
Select
Freq Out
Reset
PSF
Div 8
PST
Div 16
ICLK/8
6.4uS
102.4uS
10
Total Time Register
Switch Time Register
Div 2
Carry
Out
IPB_DI
Figure 20-5. Dual-Tone Tone Generator Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com