Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 361 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 361 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 357Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 358Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 359Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 360Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 361Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 362Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 363Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 364Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 365Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 361 / 426 page
background image
Hardware Description
MFC 2000 Multifunctional Peripheral Controller 2000
100723A
Conexant
20-3
20.2.1 Bell Mode
Firmware operation
The firmware needs to control Bell/Ringer generator to issue the following waveform:
Bell
Qu iet
~ 1 s
~ 2 s
~ 1 s
...
...
H i-Z
H i-Z
Bell
In order to setup for Bell mode, the following steps must be taken.
Initialize:
1.
Write the desired frequency of bell in BellPeriod register (see Table 20-1)
2.
Allow Hi-Z on output (BellDriveEnb = 0)
3.
Disable ringer mode (RingerEnb = 0)
Start bell signal:
1.
Enable Bell generator (BellEnb = 1)
2.
(This setting will start the counter to run)
Create “Bell-Quiet-Bell” signal:
1.
Once the bell signal has been generated, the firmware will read BellPeriod register. On every Phase A or 9,
the off-hook signal is checked. If it is detected, then the bell signal is disabled by having BellEnb = 0. This will
ensure the bell signal is terminated on the high to high-Z transition.
2.
If after about 1s, the off-hook signal is not detected, then the firmware will disable the bell signal by having
BellEnb = 0 when the phase is on 9. When BellEnb is reset to 0, then the bell signal will stop at the Hi-Z, and
the phase will be in zero. After about 2 s of quiet, the bell signal can be activated again by setting BellEnb
to 1.
20.2.2 Ringer Mode
The Ringer mode of operation requires the use of both the Bell/Ringer generator as well as the ALTTone
generator. The fundamental frequency of this ringer signal is the same as the bell signal. The ringer signal works
in conjunction with the ALTTone Generator to modulated it’s output. The active window for the ring pulses (bell
period high), will automatically shift so that the modulating waveform is not truncated at the beginning or end.
Note: The firmware needs to control Bell/Ringer generator to issue the following waveformn:
Rin g
Qu iet
~ 1 s
~ 2 s
~ 1s
Rin g
...
...
Figure 20-3. Bell/Ringer Generator Waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com