Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 360 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 360 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 356Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 357Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 358Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 359Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 360Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 361Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 362Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 363Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 364Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 360 / 426 page
background image
MFC2000 Multifunctional Peripheral Controller 2000
Hardware Description
20-2
Conexant
100723A
Ad dr e ss
D e coder
Be ll P h a se L o g ic
A[3 :0 ]
CS ,R /W
12 5 µsC lk
re sn
BellPe riod Reg
D[3 :0]
D[4 :0 ]
BellC trl Reg
D[3 :0 ]
AL T To n e
fr om A L T T on e G en
A L T T on eE n b
To A L T T on e G en
Be ll/R in g er
Figure 20-2. Bell/Ringer Block Diagram
Table 20-1. Bell/Ringer Setting
BellPeriod+1
Bell/Ringer
Freq(Hz)
BellPeriod+1
Bell/Ringer
Freq(Hz)
1
500
17
29.4
2
250
18
27.8
3
166.7
19
26.3
4
125
20
25
5
100
21
23.8
6
83.3
22
22.7
7
71.4
23
21.7
8
62.5
24
20.8
9
55.6
25
20
10
50
26
19.2
11
45.5
27
18.5
12
41.7
28
17.9
13
38.5
29
17.2
14
35.7
30
16.7
15
33.3
31
16.1
16
31.2
32
15.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com