Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 363 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 363 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 359Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 360Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 361Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 362Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 363Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 364Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 365Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 366Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 367Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 363 / 426 page
background image
Hardware Description
MFC 2000 Multifunctional Peripheral Controller 2000
100723A
Conexant
20-5
Address:
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default:
BellPhase
01FF80B9
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used) Rst. Value
xxh
Read Value
00h
Address:
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default:
BellPhase
01FF80B8 (R )
(Not Used)
(Not Used)
(Not Used)
(Not Used)
Bell Phase
Rst. Value
xxxx0000b
Read Value
00h
Register Description: Bell Phase Register
Bit 15-4:
Not Used
Bit 3-0:
Read only register returns current phase of the bell signal.
Address:
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default:
BellCtrl
01FF80B5
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
Rst. Value
xxh
Read Value
00h
Address:
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default:
BellCtrl
01FF80B4
(Not Used)
(Not Used)
(Not Used)
(Not Used)
ModToneEn
b
1 = Enabled
RingerEnb
1=Ring
Mode
0=Bell Mode
BellDrvEnb
1 = Enabled
0 = Allow
Hi Z out
BellEnb
1 = Enabled
Rst. Value
xxxx0000b
Read Value
00h
Register Description: Bell Control Register
Bit 15-4:
Not Used
Bit 3:
Enables the ALTTone output to external pin but has no effect on the
Ringer Mode. If this signal is set to 0 the ALTTone output will be at 0.
Bit 2:
Sets the generator into Bell Mode or Ringer Mode (Ringer Mode
overrides bit 1 and does not allow the tristate condition.)
Bit 1:
In Bell Mode, it Controls weighter the output pin is always driven or
tristated during bell
phases 0, F, 8, and 7.
Bit 0:
Enables the Bell/Ringer counters to run. When this bit is set to 0, the
counters are held at the start of phase “F”.
Note:
After reset the Bell/Ringer pin will be tristated with the counters held at bell phase “0”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com