Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 370 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 370 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 366Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 367Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 368Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 369Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 370Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 371Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 372Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 373Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 374Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 370 / 426 page
background image
MFC2000 Multifunctional Peripheral Controller 2000
Hardware Description
21-2
Conexant
100723A
21.2 Register Description
Name/Address
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default
PWM Channel 0
Control
(PWMCh0Ctrl)
01FF80C1h
ALTTONE/
PWMCh0
Output
Select
0=ALTTONE
1=PWMCh0
(not used)
(not used)
(not used)
(not used)
(not used)
(not used)
PWMCh0
Clock
Divider
Rst. Value
0xxxxxx0b
Read Value
0xxxxxx0b
Name/Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
PWM Channel 0
Control
(PWMCh0Ctrl)
01FF80C0h
Bit 7 of
PWMCh0
Duty Cycle
Control
Bit 6 of
PWMCh0
Duty Cycle
Control
Bit 5 of
PWMCh0
Duty Cycle
Control
Bit 4 of
PWMCh0
Duty Cycle
Control
Bit 3 of
PWMCh0
Duty Cycle
Control
Bit 2 of
PWMCh0
Duty Cycle
Control
Bit 1 of
PWMCh0
Duty Cycle
Control
Bit 0 of
PWMCh0
Duty Cycle
Control
Rst. Value
00h
Read Value
00h
Bit 15
Controls which signal is output to the GPIO[11]/CPCIN/GPIO[11] pin
(PWM channel 0 output signal, CPCIN input signal, or GPIO
input/output signal).
Bit 8/GPIOConfig1 Register
Bit 15/PWMCh0Ctrl Register
GPIO[11]/CPCIN/PWM0 Pin
0
0
GPIO[11]
0
1
GPIO[11]
1
0
CPCIN
11
PWM0
Bit 8
PWMCh0 clock divider (n = 0-1)
PWMCh0 clock =
AUXCLK
n
()
+ 1
Bits 7-0
Duty cycle control (n = 0 - 255)
PWMCh0 signal frequency =
PWMCh clock
0
256
PWMCh0 signal ‘high’ period =
n
+ 1
256
* PWMCh0 signal cycle time
PWMCh0 signal ‘low’ period =
256
1
256
−+
()
n
* PWMCh0 signal
cycle time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com