Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 355 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 355 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 351Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 352Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 353Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 354Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 355Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 356Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 357Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 358Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 359Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 355 / 426 page
background image
Hardware Description
MFC 2000 Multifunctional Peripheral Controller 2000
100723A
Conexant
19-5
19.2.2 The 2nd SSIF (SSIF2)
Address:
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default:
SSData2
01FF810B
(Not Used)
Rst. Value
xxh
Read Value
00h
Address:
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default:
SSData2
01FF810A
SSData2 (7-0)
Rst. Value
xxh
Read Value
xxh
Register Description: SSIF2 Data Register
Note:
The SSData2 Register serves as Transmit Shift Register (TxBuffer2) during CPU write, or as
Receive Shift Register (RxBuffer2) during CPU read. Reading the SSData2 Register will clear
the SSInFull2 Interrupt bit. Writing to the SSData2 Register will reset the shift bit counter,
overwrite the output register and initiate an 8 bit serial shift while in serial mode.
A bit called SSSTATOut2 is added into the SSCmd2 register. The SSSTATOut2 value will be
output to the SSSTAT2/AO[2]/GPO[15] pin as the GPO[15] data when the SSSTAT2/GPO[15]
pin is programmed as GPO[15].
Address:
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default:
SSCmd2
01FF8109
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
SSSTATOut
2
Rst. Value
xxxxxxx0b
Read
Value 00h
Address:
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default:
SSCmd2
01FF8108
(Not Used)
(Not Used)
(Not Used)
L2MSB2
SSCLKPol2
SSCLKPhas
2
(Not Used)
Mode12
0 - Master
1 - Slave
Rst. Value
xxx000x0b
Read
Value 00h
Register Description: SSIF2 Command Register
Bit 8:
The SSSTATOut2 bit is used only when the SSSTAT2/AO[2]/GPO[15]
pin is programmed as GPO[15]. The data value in the SSSTATOut2
bit is the GPO[15] data value.
Bit 4:
L2MSB2, Read/Write bit.
This bit controls the shifting order of the transmit and receive registers.
When the L2MSB2 bit is cleared (default), the transmit and receive
shift register will shift from the MSB to the LSB. When the L2MSB2 bit
is set, the transmit and receive register will shift from the LSB to MSB.
Bit 3:
SSCLKPol2, Read/Write bit.
This bit controls the polarity of the SSCLK2 pin. The default value is
zero. When the SSMode2 is configured at the IOMode2, the
SSCLKPol2 bit will not affect the SSCLK2 pin value.
Bit 2:
SSCLKPhas2, Read/Write bit.
The default value is zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com