Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 402 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 402 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 398Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 399Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 400Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 401Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 402Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 403Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 404Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 405Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 406Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 402 / 426 page
background image
MFC2000 Multifunctional Peripheral Controller 2000
Hardware Description
24-16
Conexant
100723A
24.5.2 Register Description
Address:
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default:
Video/Scan High
Address One
(VsHiAddr1)
$01FF828D
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
Rst. Value
xxh
Read Value
00h
Address:
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default:
Video/Scan High
Address One
(VsHiAddr1)
$01FF828C
(Not Used)
Video
/Scan
Addr[22]
Video
/Scan
Addr[21]
Video
/Scan
Addr[20]
Video
/Scan
Addr[19]
Video
/Scan
Addr[18]
Video
/Scan
Addr[17]
Video
/Scan
Addr[16]
Rst Value
x0000000b
Read Value
00h
•
The value written to this register will not take effect until the lower address value is written. Therefore this
value should be set first.
•
Reading this register will return the Address Counter status, not the value written to this register.
Bit 15-7
Not Used
Bit 6-0
Video/Scan Interface High Address One [22:16]
Address:
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default:
Video/Scan Low
Address One
(VsLoAddr1)
$01FF828F
Video
/Scan
Addr[15]
Video
/Scan
Addr[14]
Video
/Scan
Addr[13]
Video
/Scan
Addr[12]
Video
/Scan
Addr[11]
Video
/Scan
Addr[10]
Video
/Scan
Addr[9]
Video
/Scan
Addr[8]
Rst. Value
00h
Read Value
00h
Address:
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default:
Video/Scan Low
Address One
(VsLoAddr1)
$01FF828E
Video
/Scan
Addr[7]
Video
/Scan
Addr[6]
Video
/Scan
Addr[5]
Video
/Scan
Addr[4]
Video
/Scan
Addr[3]
Video
/Scan
Addr[2]
Video
/Scan
Addr[1]
(Not Used)
Rst Value
0000000xb
Read Value
00h
•
Writing to the Video/Scan Low Address Register will load the address counter. Therefore the upper address
value should be set first.
•
Reading this register will return the Address Counter status, and not the value written to this register.
Bit 15-1
Video/Scan Interface Low Address One [15:1]
Bit 0
Not Used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com