Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 398 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 398 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 394Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 395Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 396Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 397Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 398Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 399Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 400Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 401Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 402Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 398 / 426 page
background image
MFC2000 Multifunctional Peripheral Controller 2000
Hardware Description
24-12
Conexant
100723A
24.5 COUNTACH DMA CONTROLLER
24.5.1 Function Description
This block handles data transfers between several of the blocks of the Countach subsystem.
It has three potential bus masters: the Video/Scan Interface, the Arm Bus interface, and the Countach subsystem.
The VDMA employs a hierarchical round-robin arbitration scheme, with the Video/Scan Interface block at the
highest priority and the Countach subsystem and Arm Bus interface in a round-robin scheme at the lowest
priority. A round-robin arbitration scheme is one in which no requestor can be serviced until all other requestors at
the same priority have been serviced if they are also requesting. A hierarchical arbitration scheme is one in which
if a higher priority group is requesting service it is given priority over a lower priority group, after which the lower
priority group is handled in its predetermined manner.
Below is a table of the four DMA channels, their functionality, and priorities.
Table 24-2. DMA Channels: Functionality and Priorities
Chan
Usage
++
−−
−−
−−
−−
2D
⇒
⇒
⇒
⇒
Th
!
!
!
!
Priority
Description
0VSI
""
"
A-1
Scan/video data to (S)DRAM
1
CSI I/O
""
"
"
"
B-1
Countach scratch pad data to/from (S)DRAM
2ABI in
""
"
B-2
ARM data to (S)DRAM
3
ABI out
""
"
"
B-3
ARM data from (S)DRAM
Legend:
Chan
DMA channel
VSI
Video/Scanner Interface
CSI
Countach Subsystem Interface
ABI
ARM Bus Interface
++
Incrementing address
−−
Decrementing address
2D
Address Jumping at boundaries.
⇒
Burst cycles
Th
Throttle: Limits number of DMA Cycles per CBSS clocks
!
!
!
!
Block limit
Notes:
(1)
To be supplied.
Channels 0,2, and 3 operate in a similar fashion as existing channels in the ARM DMA logic. These channels are
programmed by ARM-accessible registers and contain address registers and, for channel 3, a block limit and
enable register.
Channel 1 is very different in its operation. It contains no ARM-accessible registers. It is controlled by the
Countach Subsystem. However, since the Countach Subsystem cannot be a bus master and program the
registers directly, the Countach DMA logic must fetch the register values from the Countach Subsystem scratch
pad.
The Countach Subsystem has no DMA handshaking signals as it is able to accept data at a fixed rate. DMA data
is transferred to and from the Countach Subsystem via the scratch pad at fixed addresses. Thus, it appears as
memory (SDRAM) to I/O (scratch pad) transfers.
Channel 1 is shared by five logical DMA channels within the Countach Subsystem, but they operate
consecutively, not concurrently (i.e., DMA for one logical channel is completely before DMA for another logical
channel is begun. Finally, logical DMA channel 4 (of physical DMA channel 1) is used for program DMA. Because



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com