Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 395 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 395 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 391Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 392Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 393Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 394Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 395Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 396Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 397Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 398Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 399Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 395 / 426 page
background image
Hardware Description
MFC 2000 Multifunctional Peripheral Controller 2000
100723A
Conexant
24-9
Address:
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default:
ARM Bus Interface
Interrupt Enable
(ABIIrqEnable)
$01FF8285
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
Rst. Value
xxh
Read Value
00h
Address:
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default:
ARM Bus Interface
Interrupt Enable
(ABIIrqEnable)
$01FF8284
(Not Used)
(Not Used)
Countach
Interrupt
Enable
VSI
Overrrun
Interrupt
Enable
Deferred
Access
Interrupt
Enable
C2A DMA
Interrupt
Enable
Countach
DMA
Interrupt
Enable
Video/ Scan
DMA
Interrupt
Enable
Rst Value
xx000000b
Read Value
00h
Bit 15-6
Not used
Bit 5
Countach Interrupt Enable
Enables interrupt when the Countach has interrupted the ARM Bus via
the IRQP or IRQP2 signals.
Bit 4
VSI Overrun Interrupt Enable
Enables interrupt when the second VSI ping-pong buffer has been
filled before the first has been emptied, indicating in loss of data.
Bit 3
Deferred Access Interrupt Enable
Enables interrupt when a deferred access to/from scratch pad or
SDRAM has completed.
Bit 2
C2A DMA Interrupt Enable
Enables interrupt when C2A (SDRAM to Arm Bus System) block size
has been reached.
Bit 1
Countach DMA Interrupt Enable
Enables interrupt when DMA operation specified by Countach scratch
pad parameters has completed.
Bit 0
Video/Scan DMA Interrupt
Enables interrupt when two-dimensional DMA from Video/Scan
Interface to SDRAM has completed (two fields) or one scan line has
been completed.
Address:
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default:
ARM Bus Interface
Countach Control (W)
(ABICountachCtrl)
$01FF8287
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
Rst. Value
xxh
Read Value
00h
Address:
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default:
ARM Bus Interface
Countach Control (W)
(ABICountachCtrl)
$01FF8286
(Not Used)
(Not Used)
Countach
Interrupt
Source
Reset
Countach
Bus
Subsystem
(W)
Start
Countach
DMA (W)
Abort
Countach
DMA (W)
Reset
Countach
Subsystem
(W)
Interrupt
Countach
Subsystem
(W)
Rst Value
xxxx0000b
Read Value
00h
Bit 15-6
Not used
Bit 5
Countach Interrupt Source
This bit selects which interrupt output from the Countach DSP
Subsystem is used to interrupt the ARM via the Countach Interrupt bit
in the ARM Bus Interface Interrupt Status Register. A value of 0
selects the IRQP signal and a value of 1 selects the IRQP2 signal.
Bit 4
Reset Countach Bus Subsystem
Writing a one to this bit resets the entire Countach Bus Subsystem
(CBSS.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com