Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 391 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 391 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 387Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 388Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 389Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 390Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 391Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 392Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 393Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 394Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 395Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 391 / 426 page
background image
Hardware Description
MFC 2000 Multifunctional Peripheral Controller 2000
100723A
Conexant
24-5
Address:
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default:
Deferred Read Low
Address
(DefRdLoAddr)
$01FF82AB
Deferred
Read
Address [15]
Deferred
Read
Address [14]
Deferred
Read
Address [13]
Deferred
Read
Address [12]
Deferred
Read
Address [11]
Deferred
Read
Address [10]
Deferred
Read
Address [9]
Deferred
Read
Address [8]
Rst. Value
00h
Read Value
00h
Address:
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default:
Deferred Read Low
Address
(DefRdLoAddr)
$01FF82AA
Deferred
Read
Address [7]
Deferred
Read
Address [6]
Deferred
Read
Address [5]
Deferred
Read
Address [4]
Deferred
Read
Address [3]
Deferred
Read
Address [2]
Deferred
Read
Address [1]
Deferred
Read
Address [0]
Rst Value
00h
Read Value
00h
Bit 15-0
Deferred Read Address [15:0]
These sixteen bits, in conjunction with the seven bits of the Deferred
Read High Address register, make up the deferred read address. It is
a halfword address, not a byte address.
Notes:
1.
The deferred read address is a halfword address in the Countach Bus Subsystem address
space. Countach DRAM address space is $000000–$3FFFFF and Countach Subsystem
scratch pad address space is $400000–$4001FF.
2.
Writing this register begins the deferred access operation. This register must be the last one
written when initiating a deferred read access.
3.
During a deferred read access, all deferred registers are locked out from ARM writes.
4.
When the deferred read access completes, an interrupt is generated via the Countach DMA
Done bit in the ARM Bus Interface Interrupt Status register.
Address:
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default:
Deferred Write High
Address
(DefWrHiAddr)
$01FF82AD
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
Rst. Value
xxh
Read Value
00h
Address:
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default:
Deferred Write High
Address
(DefWrHiAddr)
$01FF82AC
(Not Used)
Deferred
Write
Address [22]
Deferred
Write
Address [21]
Deferred
Write
Address [20]
Deferred
Write
Address [19]
Deferred
Write
Address [18]
Deferred
Write
Address [17]
Deferred
Write
Address [16]
Rst Value
x0000000b
Read Value
00h
Bit 15-7
Not used
Bit 6-0
Deferred Write Address [22:16] These seven bits, in conjunction with the sixteen bits of the Deferred
Write Low Address register, make up the deferred write address. It is a
halfword address, not a byte address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com