Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 387 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 387 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 383Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 384Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 385Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 386Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 387Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 388Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 389Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 390Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 391Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 387 / 426 page
background image
Multifunctional Peripheral Controller 2000
MFC2000
100723A
Conexant
24-1
24. Countach Imaging DSP Bus Subsystem
The Countach Imaging DSP Bus Subsystem contains the Countach Imaging DSP subsystem for video/scan
image signal processing and all peripherals/memory needed for the whole operations. The main memory for
image data storage is the external DRAM/SDRAM. These peripherals are Countach Subsystem Interface, Scan
IA, Video/Scan Controller, SDRAM Controller, Video/Scan Interface, ARM Bus Interface, CDMA Controller, and
Countach Bus Unit. The Countach Imaging DSP subsystem should operate at 100 MHz or 85.7MHz. This is the
separate bus system from the ARM bus system and runs in parallel with the ARM bus system to get maximum
performance out of the MFC2000. ARM Bus Interface logic is the bridge between the ARM bus system and the
Countach Imaging DSP Bus Subsystem. Both CPU access and DMA access mastered by the ARM side are
supported to coordinate the entire system operation.
Several blocks are used to complete the connection between these peripherals:
1.
ARM Bus Interface
connects the ARM subsystem to the internal busses.
2.
Countach Subsystem Interface
connects the Countach core to the internal busses.
3.
Sync. DRAM Controller
connects the external DRAM/SDRAM to the internal busses.
4.
Video/Scan Interface
connects the Video/Scan Controller to the internal busses.
Several blocks are used for internal functions:
1.
Countach Bus Unit
connects all internal blocks in the Countach Bus Subsystem together.
2.
Countach DMA Controller
paces all DMA transaction between the Video/Scan Interface for video capture
and scanner, ARM Bus Interface for ARM bus system, and the Countach Subsystem Interface for the
Countach subsystem to and from the SDRAM.
Several I/O accesses on the Countach Bus Subsystem are planned:
1.
ARM accesses the scratch pad of the Countach subsystem through ARM Bus Interface, Countach Bus Unit,
and Countach Subsystem IF.
Note: ARM will be able to access all registers in the sub-block of the Countach Bus Subsystem
through the IPB bus of the ARM bus system.
The ARM must not access the scratchpad while DMA to or from the Countach Imaging DSP
Subsystem is in progress. Failure to do so can result in corruption and/or loss of DMA data. The
ARM may access the scratchpad during all other DMA transfers, including video/scanner data to
SDRAM and SDRAM to and from ARM DRAM.
2.
Put the DMA setting data to the Countach DMA Controller from the scratch pad of the Countach subsystem
through Countach Bus Unit, and Countach Subsystem IF after the Countach Bus Unit is informed by the GPO
signal from Countach Subsystem.
Several DMA accesses on the Countach Bus Subsystem are planned:
1.
The DMA operation to send video and scan image data to the external SDRAM/DRAM from the Video/Scan
Controller through the Video/Scan Interface.
2.
The DMA operation to send/receive data from/to memory on the ARM bus system through ARM Bus
Interface.
3.
The DMA operation to send/receive data from/to the scratch pad of the Countach subsystem through
Countach Subsystem Interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com