Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 383 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 383 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 379Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 380Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 381Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 382Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 383Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 384Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 385Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 386Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 387Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 383 / 426 page
background image
Hardware Description
MFC 2000 Multifunctional Peripheral Controller 2000
100723A
Conexant
23-3
23.2 Register Description
Address:
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default:
P80CONTROL
0x01FF88E1
(not used)
(not used)
(not used)
(not used)
(not used)
(not used)
(not used)
(not used)
Rst Value
xxh
Read Value
00h
Address:
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default:
P80CONTROL
0x01FF88E0
(not used)
SSD
Ringwaken
SSD
Raw_ringn
Ext
Raw_ringn
Ring_Sel[1:0]
EXTIA_
MODE
IA_SEL
Rst Value
xxxx0000b
Read Value
00h
Bit 15:7
Not used
Bit 6
This is read only bit which indicates status of ring envelope from SSD.
Bit 5
This is a read only bit which indicates raw ring signals from SSD.
Bit 4
This is a read only bit which indicates raw ring signals from external
DAA.
Bit 3:2
This control bits are used to select types of ring signals to be
connected to P80_CORE to perform ring detection.
“00” : No selection, logic ‘high’ will be driven to PB[3]_C of
P80_CORE.
“01” : SSD Raw_ringn is selected.
“10” : SSD Ringwaken is selected.
“11” : External DAA Raw_ringn is selected.
Bit 1
This bit controls muxing of output I/O pins. When asserted to high,
selected P80 core pins will be directed to external pin.
Bit 0
This bit controls muxing of primary and secondary I/O pins in P80
core. When asserted to high, secondary I/O will be selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com