Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 385 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 385 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 381Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 382Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 383Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 384Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 385Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 386Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 387Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 388Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 389Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 385 / 426 page
background image
Hardware Description
MFC 2000 Multifunctional Peripheral Controller 2000
100723A
Conexant
23-5
23.2.2 P80 CORE Registers
Note: For detailed description on register contents, refer to FM336 hardware spec.
Table 23-2. P80 CORE Registers
Register Name
MFC2K Address
Bit Positions
R/W
# Bits
P80 Register 00
00C30000
7:0
R/W
8
P80 Register 01
00C30002
7:0
R/W
8
P80 Register 02
00C30004
7:0
R/W
8
P80 Register 03
00C30006
7:0
R/W
8
P80 Register 04
00C30008
7:0
R/W
8
P80 Register 05
00C3000A
7:0
R/W
8
P80 Register 06
00C3000C
7:0
R/W
8
P80 Register 07
00C3000E
7:0
R/W
8
P80 Register 08
00C30010
7:0
R/W
8
P80 Register 09
00C30012
7:0
R/W
8
P80 Register 0A
00C30014
7:0
R/W
8
P80 Register 0B
00C30016
7:0
R/W
8
P80 Register 0C
00C30018
7:0
R/W
8
P80 Register 0D
00C3001A
7:0
R/W
8
P80 Register 0E
00C3001C
7:0
R/W
8
P80 Register 0F
00C3001E
7:0
R/W
8
P80 Register 10
00C30020
7:0
R/W
8
P80 Register 11
00C30022
7:0
R/W
8
P80 Register 12
00C30024
7:0
R/W
8
P80 Register 13
00C30026
7:0
R/W
8
P80 Register 14
00C30028
7:0
R/W
8
P80 Register 15
00C3002A
7:0
R/W
8
P80 Register 16
00C3002C
7:0
R/W
8
P80 Register 17
00C3002E
7:0
R/W
8
P80 Register 18
00C30030
7:0
R/W
8
P80 Register 19
00C30032
7:0
R/W
8
P80 Register 1A
00C30034
7:0
R/W
8
P80 Register 1B
00C30036
7:0
R/W
8
P80 Register 1C
00C30038
7:0
R/W
8
P80 Register 1D
00C3003A
7:0
R/W
8
P80 Register 1E
00C3003C
7:0
R/W
8
P80 Register 1F
00C3003E
7:0
R/W
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com