Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 389 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 389 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 385Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 386Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 387Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 388Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 389Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 390Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 391Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 392Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 393Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 389 / 426 page
background image
Hardware Description
MFC 2000 Multifunctional Peripheral Controller 2000
100723A
Conexant
24-3
24.1 Countach Imaging DSP Subsystem
24.1.1 Description
The Countach Imaging DSP Subsystem is mainly responsible for monochrome and color image processing and
JPEG compression and decompression. The Countach Imaging DSP subsystem contains the Countach core,
data RAM and ROM, program RAM and program ROM, scratch pad, and DMA channels.
24.1.2 Countach Imaging DSP Subsystem Memory
Program Memory:
•
2K
× 40 RAM
•
ROM for program initialization
Data RAM:
•
1K
× 16 register file RAM
•
4K
× 16 DMA-accessible RAM
•
4K
× 16 RAM
•
8K x 16 ROM
24.1.3 Countach Imaging DSP Subsystem DMA
Data DMA:
•
4 channels
•
DMA accesses are made via the scratch pad interface
•
Countach Imaging DSP controls which bank DMA transfers occur in – DMA channel does not automatically
switch after completion of a block transfer
•
Consecutive DMA cycles must be able to occur at a minimum rate of 6 Countach clocks per transfer
Program DMA:
•
Minimum of 1 channel
•
DMA accesses are made via the scratch pad interface
•
Consecutive DMA cycles must be able to occur at a minimum rate of 6 Countach clocks per transfer
•
An entire instruction is formed by transferring it in three 16-bit segments to scratch pad addresses 0x1b0,
0x1b1, and 0x1b2
24.1.4 Running Frequency
The Countach Imaging DSP Subsystem operates at either 87.5MHz or 100 MHz. It is configurable through the
CLK_CONFIG[2] signal which is muxed on the ROMCSn pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com