Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 384 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 384 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 380Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 381Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 382Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 383Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 384Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 385Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 386Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 387Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 388Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 384 / 426 page
background image
MFC2000 Multifunctional Peripheral Controller 2000
Hardware Description
23-4
Conexant
100723A
23.2.1 SSD Registers
Note: For detailed desciption on register contents, refer to SSD Spec.
Table 23-1. SSD Registers
Register Name
MFC2K Address
Bit Positions
R/W
# Bits
SSD Register 00
00C30050
7:0
R/W
8
SSD Register 01
00C30052
7:0
R/W
8
SSD Register 02
00C30054
7:0
R/W
8
SSD Register 03
00C30056
7:0
R/W
8
SSD Register 04
00C30058
7:0
R/W
8
SSD Register 05
00C3005A
7:0
R/W
8
SSD Register 06
00C3005C
7:0
R/W
8
SSD Register 07
00C3005E
7:0
R/W
8
SSD Register 08
00C30060
7:0
R/W
8
SSD Register 09
00C30062
7:0
R/W
8
SSD Register 0A
00C30064
7:0
R/W
8
SSD Register 0B
00C30066
7:0
R/W
8
SSD Register 0C
00C30068
7:0
R/W
8
SSD Register 0D
00C3006A
7:0
R/W
8
SSD Register 0E
00C3006C
7:0
R/W
8
SSD Register 0F
00C3006E
7:0
R/W
8
SSD Register 10
00C30070
7:0
R/W
8
SSD Register 11
00C30072
7:0
R/W
8
SSD Register 12
00C30074
7:0
R/W
8
SSD Register 13
00C30076
7:0
R/W
8
SSD Register 14
00C30078
7:0
R/W
8
SSD Register 15
00C3007A
7:0
R/W
8
SSD Register 16
00C3007C
7:0
R/W
8
SSD Register 17
00C3007E
7:0
R/W
8
SSD Register 18
00C30080
7:0
R/W
8
SSD Register 19
00C30082
7:0
R/W
8
SSD Register 1A
00C30084
7:0
R/W
8
SSD Register 1B
00C30086
7:0
R/W
8
SSD Register 1C
00C3008E
7:0
R/W
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com