Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 381 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 381 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 377Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 378Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 379Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 380Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 381Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 382Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 383Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 384Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 385Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 381 / 426 page
background image
Multifunctional Peripheral Controller 2000
MFC2000
100723A
Conexant
23-1
23. SSD_P80
23.1 Function Description
A 56K/33.6K data/fax modem core is integrated into the MFC2000 chip. It is called the P80 core. Furthermore,
Conexant’s SmartDAA technology is put into the MFC2000 chip. The P80 core can be connected to the phone
line through either the modem IA/traditional DAA or the SmartDAA System Side Device (SSD) logic/the
SmartDAA Line Side Device (LSD). The SSD logic is integrated into the MFC2000 chip. The SSD_P80 block
includes the SSD logic, P80 core, and interface logic to the internal ARM bus system.
23.1.1 System Configurations
The SSD_P80 can be configured in the following ways.
•
Configuration one: data acquisition is done only via SSD.
•
Configuration two: data acquisition is done via SSD and voice acquisition is done via External IA.
•
Configuration three: data acquisition is done only via External IA.
CONFIGURATION ONE
MFC2000
SSD
SIU Interface
IA interface
P80 CORE
LSD_REG.
LSD
EXTERNAL
Figure 23-1. System Configuration One



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com