Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 394 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 394 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 390Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 391Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 392Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 393Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 394Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 395Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 396Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 397Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 398Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 394 / 426 page
background image
MFC2000 Multifunctional Peripheral Controller 2000
Hardware Description
24-8
Conexant
100723A
24.3 ARM BUS INTERFACE
24.3.1 Function Description
The Arm Bus interface block attaches the Countach Bus Subsystem to the ARM Bus System. The ARM can
directly access the various registers of the Countach Bus Subsystem. It can access the Countach Bus
Subsystem’s SDRAM and the Countach Imaging DSP subsystem’s scratch pad memory and the SDRAM with
discrete I/O accesses with some wait state penalty. It can also access the SDRAM via DMA accesses. To
accommodate the ARM DMA interchange, two channels are provided: one for transfers into the SDRAM and one
for transfers out of the SDRAM.
In addition, two handshaking signals are provided for interrupting of each processor and allow the ARM to
interrupt the Countach core. It is implemented through a register in the Countach Subsystem Interface. The
arm_attn signal comes directly from the Countach core and is an input to the ARM interrupt controller.
24.3.2 Register Description
Address:
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default:
ARM Bus Interface
Interrupt Status
(ABIIrqStat)
$01FF8283
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
Rst. Value
xxh
Read Value
00h
Address:
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default:
ARM Bus Interface
Interrupt Status
(ABIIrqStat)
$01FF8282
(Not Used)
(Not Used)
Countach
Subsystem
Interrupt
VSI
Overrrun
Deferred
Access
Done
C2A DMA
Done
Countach
DMA Done
Video/
Scan DMA
Done
Rst Value
xx000000b
Read Value
00h
Bit 15-6
Not used
Bit 5
Countach Subsystem Interrupt
Countach Subsystem has interrupted the ARM either in IRQP or
IRQP2, depending on the setting of the Countach Interrupt Source bit
of the ABICountachCtrl register.
Bit 4
VSI Overrun
The second VSI ping-pong buffer has been filled before the first has
been emptied, resulting in loss of data.
Bit 3
Deferred Access Done
A deferred access to/from scratch pad or SDRAM has completed. If a
deferred read was requested, the data in the Deferred Read Access
Data register is now valid.
Bit 2
C2A DMA Done
C2A (SDRAM to Arm Bus System) block size has been reached.
Bit 1
Countach DMA Done
DMA operation specified by Countach scratch pad parameters has
completed.
Bit 0
Video/Scan DMA Done
Two-dimensional DMA from Video/Scan Interface to SDRAM has
completed (two fields) or one scan line has completed.
Note: Each of these bits are cleared by writing it to a one. This allows individual interrupts to be
cleared without affecting the others.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com