Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 396 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 396 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 392Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 393Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 394Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 395Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 396Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 397Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 398Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 399Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 400Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 396 / 426 page
background image
MFC2000 Multifunctional Peripheral Controller 2000
Hardware Description
24-10
Conexant
100723A
Bit 3
Start Countach DMA
Writing a one to this bit causes the Countach DMA controller to fetch
parameters from scratch pad and begin a DMA transfer.
Bit 2
Abort Countach DMA
Writing a one to this bit causes any Countach DMA operation (CDMA
channel 1) to be aborted. The Countach receives the Countach DMA
Done interrupt after the DMA has aborted (EXTIRQ2).
Bit 1
Reset Countach Subsystem
Writing a one to this bit resets the Countach Subsystem and the
Countach Subsystem Interface which contains the DMA FIFOs.
Bit 0
Interrupt Countach Subsystem
Writing a one to this bit generates an interrupt to the Countach
Subsystem (EXTIRQ).
24.3.3 Internal Memory
The ARM Bus Interface contains two 4
× 16 buffers for DMA transfers between memory attached to the ARM Bus
Subsystem and the Countach SDRAM. These buffers can be accessed by the ARM as either bytes or halfwords.
The two buffers are located at the following addresses:
Address:
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default:
ARM to Countach
DMA Buffer
(A2CDmaBuf)
$01FF830x
A2C Buffer
Data [15]
A2C Buffer
Data [14]
A2C Buffer
Data [13]
A2C Buffer
Data [12]
A2C Buffer
Data [11]
A2C Buffer
Data [10]
A2C Buffer
Data [9]
A2C Buffer
Data [8]
Rst. Value
00h
Read Value
00h
Address:
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default:
ARM to Countach
DMA Buffer
(A2CDmaBuf)
$01FF830x
A2C Buffer
Data [7]
A2C Buffer
Data [6]
A2C Buffer
Data [5]
A2C Buffer
Data [4]
A2C Buffer
Data [3]
A2C Buffer
Data [2]
A2C Buffer
Data [1]
A2C Buffer
Data [0]
Rst Value
00h
Read Value
00h
$01FF8300-01
A2C DMA Buffer halfword 0
$01FF8302-03
A2C DMA Buffer halfword 1
$01FF8304-05
A2C DMA Buffer halfword 2
$01FF8306-07
A2C DMA Buffer halfword 3
Address:
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default:
Countach to ARM
DMA Buffer
(C2ADmaBuf)
$01FF830x
C2A Buffer
Data [15]
C2A Buffer
Data [14]
C2A Buffer
Data [13]
C2A Buffer
Data [12]
C2A Buffer
Data [11]
C2A Buffer
Data [10]
C2A Buffer
Data [9]
C2A Buffer
Data [8]
Rst. Value
00h
Read Value
00h
Address:
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default:
Countach to ARM
DMA Buffer
(C2ADmaBuf)
$01FF830x
C2A Buffer
Data [7]
C2A Buffer
Data [6]
C2A Buffer
Data [5]
C2A Buffer
Data [4]
C2A Buffer
Data [3]
C2A Buffer
Data [2]
C2A Buffer
Data [1]
C2A Buffer
Data [0]
Rst Value
00h
Read Value
00h
$01FF8308-09
C2A DMA Buffer halfword 0
$01FF830A-0B
C2A DMA Buffer halfword 1
$01FF830C-0D
C2A DMA Buffer halfword 2
$01FF830E-0F
C2A DMA Buffer halfword 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com