Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 400 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 400 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 396Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 397Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 398Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 399Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 400Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 401Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 402Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 403Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 404Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 400 / 426 page
background image
MFC2000 Multifunctional Peripheral Controller 2000
Hardware Description
24-14
Conexant
100723A
The meaning of the ENB, BAH, BAL, SZ, NSR, and AST parameters are shown below:
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Not used
Program
/Data
Logical Data Channel
Number
Address
direction
Data
direction
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Not used
Base address (21:16)
Parameter Description: BAH parameter
Bit 15-13
Not used
Bit 12
When high, logical channel 4 is requested (program DMA.) When low,
one of logical channels 0-3 is requested as specified by the Logical
Channel Number field (data DMA.)
Bit 11-10 Logical Data Channel Number
When bit 12 is low, this field indicates which logical channel of 0-3 is to
be used (data DMA.) When bit 12 is high, this field is not used.
Bit 9
Address direction
When low, the DMA address should be incremented after each
halfword is transferred. When high, the DMA address should be
decremented after each halfword is transferred.
Bit 8
Data direction
When low, DMA data is read from Countach scratch pad space. When
high, DMA data is written to Countach scratch pad space.
Bit 7-6
Not used
Bit 5-0
Upper bits of DMA base address
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Base address (15:8)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Base address (7:0)
Parameter Description: BAL parameter
Bit 15-8
Lower bits of DMA base address
This parameter should only be fetched if the Enable channel bit of the
BAH parameter is high.
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Block size (15:8)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Block size (7:0)
Parameter Description: SZ parameter (Refer to the above diagram)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com