Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 397 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 397 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 393Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 394Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 395Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 396Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 397Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 398Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 399Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 400Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 401Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 397 / 426 page
background image
Hardware Description
MFC 2000 Multifunctional Peripheral Controller 2000
100723A
Conexant
24-11
ARM access to the ABI buffers are provided for diagnostic purposes only and should not be used as part of
normal operation.
When the ARM makes an access to these buffers, the ARM is held off and clock domain synchronization occurs
before the access is completed. As a result, a significant wait state penalty is incurred. This penalty will be even
longer if a local DMA operation is in progress when the access is made as the ARM is held off for both the clock
domain synchronization and the completion of the local DMA transfer.
There is a risk of data corruption when the ARM makes write accesses to these buffers while a DMA transfer is in
progress. This can occur because the buffers alternate betweeen a DMA transfer sequence in the ARM Bus
Subsystem domain and a DMA transfer sequence in the Countach Bus Subsystem domain. If the write operation
occurs between these DMA transfers, the DMA data in the buffer will be replaced with the ARM data.
24.4 Countach Imaging DSP Subsystem Interface
ARM as either bytes or halfwords.
The buffer is located at the following addresses:
Address:
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default:
Countach DMA
Buffer
(CSIDmaBuf)
$01FF830x
CSI Buffer
Data [15]
CSI Buffer
Data [14]
CSI Buffer
Data [13]
CSI Buffer
Data [12]
CSI Buffer
Data [11]
CSI Buffer
Data [10]
CSI Buffer
Data [9]
CSI Buffer
Data [8]
Rst. Value
00h
Read Value
00h
Address:
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default:
Countach DMA
Buffer
(CSIDmaBuf)
$01FF830x
CSI Buffer
Data [7]
CSI Buffer
Data [6]
CSI Buffer
Data [5]
CSI Buffer
Data [4]
CSI Buffer
Data [3]
CSI Buffer
Data [2]
CSI Buffer
Data [1]
CSI Buffer
Data [0]
Rst Value
00h
Read Value
00h
Table 24-1. Needs a title
$01FF8300-01
CSI DMA Buffer halfword 0
$01FF8302-03
CSI DMA Buffer halfword 1
$01FF8304-05
CSI DMA Buffer halfword 2
$01FF8306-07
CSI DMA Buffer halfword 3
$01FF8306-07
CSI DMA Buffer halfword 4
$01FF8306-07
CSI DMA Buffer halfword 5
$01FF8306-07
CSI DMA Buffer halfword 6
$01FF8306-07
CSI DMA Buffer halfword 7
ARM access to the CSI buffers are provided for diagnostic purposes only and should not be used as part of
normal operation.
When the ARM makes an access to these buffers, the ARM is held off and clock domain synchronization occurs
before the access is completed. As a result, a significant wait state penalty is incurred. This penalty will be even
longer if a local DMA operation is in progress when the access is made as the ARM is held off for both the clock
domain synchronization and the completion of the local DMA transfer.
There is a risk of data corruption when the ARM makes write accesses to this buffer while a DMA transfer is in
progress. It is also possible that an access to this buffer can cause spurious writes to the scratchpad space while
a DMA transfer is in progress.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com