Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 177 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 177 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 173Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 174Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 175Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 176Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 177Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 178Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 179Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 180Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 181Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 426 page
background image
Hardware Description
MFC 2000 Multifunctional Peripheral Controller 2000
100723A
Conexant
7-29
Table 7-2. Register setup for Dyna–DL507–07UAH
Register Name
Bits Name
Value
ScanConfig
scctrl[6:0] invert
0
scctrl[6:2] select
xx100b
ScanDotControl
Scan Dot Scaler[3:0]
0
Scan Dot Period[3:0]
9
StartConfig
GuardbandEnb[6:4]
0
Guardband[4:0]
n/a
Offset[3:0]
0
Length[3:0]
0
StartEdges
StartPos[3:0]
0
StartNeg[3:0]
9
ScanStartDelay
Delay[12:0]
0
Clk2aEdges
Clk2aPos[3:0]
6
Clk2aNeg[3:0]
8
Clk2bEdges
Clk2bPos[3:0]
n/a
Clk2bNeg[3:0]
n/a
Clk2cEdges
Clk2cPos[3:0]
n/a
Clk2cNeg[3:0]
n/a
ADCSampleCfg
SamplePos[3:0]
SampleNeg[3:0]
ADCConfig
AdclkPos[3:0]
AdclkNeg[3:0]
DataPlace[3:0]
DataLatency[3:0]
ClampCtrl
ClampMode
n/a
ClampEnb
0
ClampLength[6:0]
n/a
ClampDelay
ClampPosition
n/a
ClampDelay[13:0]
n/a
ClampEdges
ClampPos[3:0]
n/a
ClampNeg[3:0]
n/a
LEDConfig
LEDCtrl sync_sel[2:0]
0
LEDCtrl place[2:0]
0
LED0Edges
LED0Pos[7:0]
40
LED0Neg[7:0]
78
LED1Edges
LED1Pos[7:0]
40
LED1Neg[7:0]
78
LED2Edges
LED2Pos[7:0]
40
LED2Neg[7:0]
78
ScanLength
ScanLength[12:0]
2552
ScanCyles
ScanCycle[4:0]
2.5 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com