Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 173 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 173 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 169Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 170Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 171Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 172Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 173Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 174Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 175Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 176Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 177Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 426 page
background image
Hardware Description
MFC 2000 Multifunctional Peripheral Controller 2000
100723A
Conexant
7-25
Analog: AD 9220
8 ns
Data[11:0]
Data 1
CLK
Vin
S1
S2
S3
S4
hold
sample
min = 100 ns
min = 45 ns
min = 45 ns
pipeline delay (latency) = 3 clk cycles
Figure 7-12. Untitled Timing Diagram
Linear: LTC 1412
Vin
CONVST
Data[11:0]
min = 20 ns
t
conv = 240-283 ns
pipeline delay (latency) = 1 cycles
Figure 7-13. Untitled Timing Diagram
7.1.4
Firmware Operation
In order to obtain the optimal digital data, the dynamic range of analog signal must be maximized. In order to
maximize the dynamic range of scanner signal, the duration of the light exposure on the sensor must be just right.
If it is too short, then the signal will be too low; and if it is too long, then the signal will be saturated. The amount of
light exposure can be controlled by having programmable pulse width modulation on the LED control. Typically,
the signal from the sensor has a dc offset. This offset must be removed, and the resulting signal can be amplified
to restore the dynamic range.
Examples of how to setup the registers for various scanners are shown below. These setups are configured for
the fastest scanning operation. (only setup, not operation registers are shown)
Notes:
1.) The value for scan cycle depends on how msint signal is configured.
2.) The LED setting may need adjustment according to the proper light intensity for different
color.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com