Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 171 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 171 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 167Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 168Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 169Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 170Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 171Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 172Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 173Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 174Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 175Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 426 page
background image
Hardware Description
MFC 2000 Multifunctional Peripheral Controller 2000
100723A
Conexant
7-23
0
1
3
0
1
2047
2048
2049
4048
xxxx
start
ScanStartDelay[13:0]
(in pixel unit)
ScanLength[12:0]
(Number of valid pixels)
pixeladr[13:0]
LEDCtrl[0]
LED0Neg[7:0]
* 64
LED0Pos[7:0]
* 64
Hi-
Z
t = 0
LED0pad_en
= 0
LED0pad_en
= 1 (default value from reset)
msint
0
scCycCur[4:0]
0
0
2
3
4
0
ScanCycle[4:0]
= 4
(determines the time for scanning a line)
LED0Pos[7:0]
* 64
LED on-time
(no pwm)
LED0Neg[7:0]
* 64
Figure 7-7. Untitled Timing Diagram
Notes:
1.
MSInt_period = (msintPeriod + 1) * 125 us
msintPeriod[5:0] is set in MSINTPeriod register (assuming that value in 125usPrescaler
register has been adjusted to obtain 125 us period)
2.
ScanCycle_period = (ScanCycle + 1) * MSInt_period
3.
ScanCycle in conjunction with MSIntPeriod must be selected so that:
ihsclk
pwmclk
pwmpr_ctr
pwm
255
0
1
253
254
255
0
clk_div = 1
duty_cycle = 253 * pwmclk_period
period = 256 * pwmclk_period
programmable
fixed
programmable
Figure 7-8. Untitled Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com