Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 168 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 168 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 164Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 165Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 166Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 167Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 168Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 169Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 170Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 171Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 172Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 426 page
background image
MFC2000 Multifunctional Peripheral Controller 2000
Hardware Description
7-20
Conexant
100723A
sccyc_nxt
2
1
3
4
0
2
1
3
4
0
sccyc_ctr
sccyc_count
sccyc_reset
msintirqloc_sync
3
scanirq_set
set by hardware
clear by firmware
(writing to bit 0 of VSCIRQStatus register)
scanirq_cur
(assuming scanirqenb = '1')
setup.msintirqloc
3
2
2
firmware change the location of msint irq
scancycles_sync
4
setup.scancycles
4
3
3
firmware change the number of msint in a scancycle
one msint period
Figure 7-3. Untitled Timing Diagram
msintcy
Scan Cycle
(counter)
F/W writes to ScanCycle register
Scan Cycle
(1st buffer)
2
3
0
1
2
0
1
3
2
Scan Cycle
(2nd buffer)
3
2
H/W synchonizes the 1st and 2nd buffer at the beginning of a scan cycle
cycle_start
The beginning of a scan cycle
Figure 7-4. Untitled Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com