Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 166 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 166 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 162Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 163Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 164Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 165Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 166Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 167Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 168Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 169Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 170Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 426 page
background image
MFC2000 Multifunctional Peripheral Controller 2000
Hardware Description
7-18
Conexant
100723A
Bit 15-12 AdclkNeg
(only valid when internal ADC is selected)
AdclkNeg establishes the trailing edge of the adclk signal relative to
the start of each dot period, and is specified in terms of ScanDotScaler
clock periods.
Bit 11-8
AdclkPos
(only valid when internal ADC is selected)
AdclkPos establishes the leading edge of the adclk signal relative to
the start of each dot period, and is specified in terms of ScanDotScaler
clock periods.
Bit 7-4
Digital Data Capture Position
(valid for external ADC only)
This setting indicates where the digital data from ADC should be
captured within a pixel period, and is specified in terms of
ScanDotScaler clock periods.
Bit 3-0
Data Latency
(valid with either internal or external ADC)
This setting indicates the latency or pipeline delay as required by
ADC, and is expressed in the number of pixel clocks.
Important note on how to program adclk & adsample when an internal ADC is selected:
1.
The location and the width of adsample must be established first according to the scanner
requirement (the analog signal is being sampled while adsample = 1, and at the falling edge
of adsample, the signal is stored into an internal capacitor. While adsample = 0, the signal
value is being held in the capacitor.)
2.
Once adsample has been programmed properly, the adclk must be configured according to
the following rule:
a) adclk must be low while adsample is high



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com