Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 162 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 162 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 158Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 159Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 160Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 161Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 162Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 163Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 164Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 165Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 166Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 426 page
background image
MFC2000 Multifunctional Peripheral Controller 2000
Hardware Description
7-14
Conexant
100723A
Bits 10-8 clock divider[2:0]
The clock used for PWM is scaled according to “clock divider” setting.
Bits 7-0
duty cycle[7:0]
The period of PWM is divided into 256. The high time of PWM is
determined by “duty cycle”.
Min frequency (clk_div = 7)
ihsclk = 50 ns
pwm clk = T(ihsclk ) * (clk_div + 1) = 50 ns * (7 + 1) = 400 ns
pwm period = 400 ns * 256 = 102,400 ns = 102.4 us (9.8 KHz)
Max frequency (clk_div = 0)
ihsclk = 50 ns
pwm clk = ihsclk = 50 ns
pwm period = 50 ns * 256 = 12.8 us (78.1 KHz)
Note: In order to have a non-modulated signal, the duty cycle must be set to 0xFF.
Name/Address
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default
LED1 PWM Config
(LED1PWM)
$01FF88B5
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
clock divider[2:0]
Rst. Value
xxxxx000b
Read Value
00h
Name/Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
LED1 PWM Config
(LED1PWM)
$01FF88B4
duty cycle[7:0]
Rst. Value
00h
Read Value
00h
Bits 10-8 clock divider[2:0]
The clock used for PWM is scaled according to “clock divider” setting.
Bits 7-0
duty cycle[7:0]
The period of PWM is divided into 256. The high time of PWM is
determined by “duty cycle”.
Note: In order to have a non-modulated signal, the duty cycle must be set to 0xFF.
Name/Address
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default
LED2 PWM Config
(LED2PWM)
$01FF88B7
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
clock divider[2:0]
Rst. Value
xxxxx000b
Read Value
00h
Name/Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
LED2 PWM Config
(LED2PWM)
$01FF88B6
duty cycle[7:0]
Rst. Value
00h
Read Value
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com