Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 164 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 164 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 160Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 161Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 162Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 163Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 164Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 165Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 166Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 167Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 168Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 426 page
background image
MFC2000 Multifunctional Peripheral Controller 2000
Hardware Description
7-16
Conexant
100723A
In order to apply the content of this register to the analog die, the content must be sent serially by writing to the
‘ADCSerialCmd’ register. Please refer to the ‘ADCSerialCmd’ register description for more information.
Bit 15
ADC enable
This bit is used to enable the internal adc. The ADC circuit by default
is disabled.
Bit 12-8
OffsetSel[4:0]
An analog subtracter is used in conjunction with OffsetSel in order to
remove the DC offset from scanner signal.
Bit 5
GPO on EV_VD[5]
When ‘VSC on EV bus’ bit, i.e., bit 2 of VSCCtrl register, is set, then
EV_VD[7:0] bus will function as output.. EV_VD[5] output is connected
to this bit to function as general purpose output (GPO).
Bit 4
GPO on EV_VD[4]
When ‘VSC on EV bus’ bit, i.e., bit 2 of VSCCtrl register, is set, then
EV_VD[7:0] bus will function as output.. EV_VD[4] output is connected
to this bit to function as general purpose output (GPO).
Bit 3-0
GainSel[3:0]
GainSel is connected to a programmable gain amplifier to adjust the
gain of the scanner signal.
Note: This register is double-buffered. The value written into this register will not be applied to
SIA immediately. Rather, the value will be applied after the start of scancycle. Reading this
register reflects the value applied to SIA.
Name/Address
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default
ADCSerialCmd
(ADCSerialCmd)
$01FF854F
Send
Status
(read
only)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used) Rst. Value
xxh
Read Value
00h
Name/Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
ADCSerialCmd
(ADCSerialCmd)
$01FF854E
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(reserved)
‘0’
Command
Type
Transmit
Mode[1]
Transmit
Mode[0]
Rst. Value
xxxx0000b
Read Value
00h
Bit 15
Send Status (read only)
This bit indicates one of the following statuses:
waiting for an event to occur, as selected by ‘transmit mode[1:0]’, prior
to sending the serial command
sending serial command is in progress.
The wait for the event can be aborted by clearing ‘scanenable’ bit on
‘ScanConfig’ register, and the command will not be sent.
Bit 15
reserved
It is important to always write ‘0’ to this bit.
Bit 2
Command Type
Command Type
Function
0
To send ‘offset’ and ‘gain’ settings as stored in ‘ScanIAConfig’ register
1
To send ‘ADC enable’ bit as stored in ‘ScanIAConfig’ register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com