Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 163 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 163 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 159Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 160Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 161Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 162Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 163Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 164Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 165Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 166Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 167Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 426 page
background image
Hardware Description
MFC 2000 Multifunctional Peripheral Controller 2000
100723A
Conexant
7-15
Bits 10-8 clock divider[2:0]
The clock used for PWM is scaled according to “clock divider” setting.
Bits 7-0
duty cycle[7:0]
The period of PWM is divided into 256. The high time of PWM is
determined by “duty cycle”.
Note: In order to have a non-modulated signal, the duty cycle must be set to 0xFF.
Name/Address
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default
LEDCtrl Config
(LEDConfig)
$01FF88B9
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used) Rst. Value
xx000111b
Read Value
07h
Name/Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
LEDCtrl Config
(LEDConfig)
$01FF88B8
(Not Used)
(Not Used) LEDCtrl[2]
sync_select
LEDCtrl[1]
sync_select
LEDCtrl[0]
sync_select
LEDCtrl[2]
position
LEDCtrl[1]
position
LEDCtrl[0]
position
Rst. Value
xx000000b
Read Value
00h
Bits 5-3
LEDCtrl[2:0] sync_select
1 = sync is selected, ignoring LED PWM config & LED Edges settings
0 = normal LEDCtrl
When sync_select bit is set and the LED is enabled (by setting the
corresponding bit in ScanCtrl register), then the LEDCtrl will be active
from the beginning of scancycle until the end of scancycle. In this
mode of operation, the corresponding LED PWM & LED Edges
settings are ignored. Once the LED is disabled, then at the end of
scancycle, the LEDCtrl will not be active anymore. In other words, by
setting sync_select bit, the LEDCtrl is outputing the LED enabled
which is synchronized with the cyclestart.
When sync_select bit is clear and the LED is enabled, then the
LEDCtrl operates in normal mode, which depends on the LED PWM &
LED Edges settings.
Bits 2-0
LEDCtrl[2:0] position
1 = before ScanStartDelay
0 = after ScanStartDelay
This position setting only affects the leading edge of LEDCtrl
envelope. If the place bit is reset, then the LEDCtrl will be activated
after valid pixel. Otherwise, if the place bit is set, then LEDCtrl can be
activated right after scancycle.
Name/Address
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default
Scan IA Config
(ScanIAConfig)
$01FF88BB
ADC
enable
(Not Used)
OffsetSel[5] OffsetSel[4] OffsetSel[3] OffsetSel[2] OffsetSel[1]
OffsetSel[0] Rst. Value
xxx00000b
Read Value
00h
Name/Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
Scan IA Config
(ScanIAConfig)
$01FF88BA
(Not Used)
(Not Used)
GPO
on
EV_VD[5]
GPO
on
EV_VD[4]
GainSel[3]
GainSel[2]
GainSel[1]
GainSel[0]
Rst. Value
x0h
Read Value
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com