Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 165 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 165 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 161Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 162Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 163Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 164Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 165Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 166Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 167Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 168Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 169Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 426 page
background image
Hardware Description
MFC 2000 Multifunctional Peripheral Controller 2000
100723A
Conexant
7-17
Bit 1-0
Transmit Mode[1:0]
Prior to writing to this register, check the ‘Send Status’ bit, and make sure that this bit is clear. If this bit is set,
then writing to this register will be ignored. If this bit is clear, then writing to this register will cause the following
action based on the ‘Transmit Mode’:
Transmit Mode
Time to send the serial data
0
right away
1
at the beginning of a scan cycle; no ‘scanonce’ operation is involved
2
at the end of valid pixel (i.e. the last valid pixel in a line); ‘scanonce’ operation is involved
3
at the next msint
Name/Address
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default
Scan Control
Delay
(ScanCtrlDelay)
$01FF88BD
sample
delay[1:0]
Scctrl[6]
Delay[1:0]
scctrl[5]
delay[1:0]
scctrl[4]
delay[1:0]
Rst. Value
xx000000b
Read Value
00h
Name/Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
Scan Control
Delay
(ScanCtrlDelay)
$01FF88BC
scctrl[3]
delay[1:0]
Scctrl[2]
Delay[1:0]
scctrl[1]
delay[1:0]
clamp
delay[1:0]
Rst. Value
00h
Read Value
00h
Bit 15-14 sample delay
This setting controls the delay for ‘sample’ signal.
Bit 13-12 scctrl[6] delay
This setting controls the delay for ‘scctrl[6]’ signal.
Bit 11-10 scctrl[5] delay
This setting controls the delay for ‘scctrl[5]’ signal.
Bit 9-8
scctrl[4] delay
This setting controls the delay for ‘scctrl[4]’ signal.
Bit 7-6
scctrl[3] delay
This setting controls the delay for ‘scctrl[3]’ signal.
Bit 5-4
scctrl[2] delay
This setting controls the delay for ‘scctrl[2]’ signal.
Bit 3-2
scctrl[1] delay
This setting controls the delay for ‘scctrl[1]’ signal.
Bit 1-0
clamp delay
This setting controls the delay for ‘clamp’ signal.
Name/Address
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default
ADC Config
(ADCConfig)
$01FF88BF
AdclkNeg Value (0-15)
AdclkPos Value (0-15)
Rst. Value
00h
Read Value
00h
Name/Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
ADC Config
(ADCConfig)
$01FF88BE
Digital Data Capture Position [3:0] (0-15)
Data Latency[3:0] (0-15)
Rst. Value
00h
Read Value
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com