Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 159 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 159 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 155Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 156Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 157Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 158Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 159Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 160Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 161Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 162Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 163Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 426 page
background image
Hardware Description
MFC 2000 Multifunctional Peripheral Controller 2000
100723A
Conexant
7-11
Bit 15
Clamp Position (only valid for line–based clamping)
Setting the ClampPosition bit causes the ClampDelay value to be
applied from the start of the scanline (i.e., during the ScanStartDelay
time). Clearing this bit causes the ClampDelay value to be applied
from the first valid pixel of the scanline (i.e., after the ScanStartDelay
has been accounted for).
Bits 13-0 Clamp Delay[13:0] (only valid for line–based clamping)
The ClampDelay register control the number of scan dots (pixels) that
are to be skipped before enabling the clamp signal for the number of
pixels specified in ClampLength register.
Note: If ClampPosition bit = 0 and a new scanline is started before the ClampDelay value has
been satisfied, the clamp signal will not activate. The same is true if ClampPosition bit = 1 and
the ScanStartDelay value is less than the ClampDelay value.
Name/Address
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default
Clamp Edges
(ClampEdges)
$01FF88AB
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used) Rst Value
xxh
Read Value
00h
Name/Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
Clamp Edges
(ClampEdges)
$01FF88AA
ClampNeg Value (0-15)
ClampPos Value (0-15)
Rst Value
00h
Read Value
00h
Bits 7-4
ClampNeg
ClampNeg establishes the trailing edge of the Clamp signal relative to
the start of each dot period, and is specified in ScanDotScaler clock
periods.
Bits 3-0
ClampPos
ClampPos establishes the leading edge of the Clamp signal relative to
the start of each dot period, and is specified in ScanDotScaler clock
periods.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com