Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 155 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 155 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 151Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 152Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 153Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 154Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 155Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 156Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 157Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 158Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 159Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 426 page
background image
Hardware Description
MFC 2000 Multifunctional Peripheral Controller 2000
100723A
Conexant
7-7
Name/Address
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default
Scan Length
(ScanLength)
$01FF8897
(Not Used) (Not Used) (Not Used)
ScanLength[12:8]
Rst. Value
xxx00000b
Read Value
00h
Name/Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
Scan Length
(ScanLength)
$01FF8896
ScanLength[7:0]
Rst. Value
00h
Read Value
00h
Bits 12-0 ScanLength[12:0]
This register specifies the number of valid pixels in one scan line. The
amount of data stored in a line is ScanLength * 2 bytes. Each pixel is
represented by 12-bit data, and it is stored in memory as 2 bytes of
data.
Note: The internal pixel counter is 14-bit wide. The extra bit is used to match the maximum value
of clamp delay and LED edges. It is guaranteed that this counter will not roll-over once it reaches
its maximum count.
Name/Address
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default
Scan Start Delay
(ScanStartDelay)
$01FF8899
(Not Used) (Not Used) (Not Used)
Delay [12:8]
Rst Value
xxx00000b
Read Value
00h
Name/Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
Scan Start Delay
(ScanStartDelay)
$01FF8898
Delay [7:0]
Rst Value
00h
Read Value
00h
Bits 12-0 Delay[12:0]
1.) The ScanStartDelay register control the number of scan dots
(pixels) that are to be skipped before valid scanner data is available.
For example, if ScanStartDelay = 1, the first valid scanner pixel is dot
number 2, the second dot after the beginning of the START pulse.
2.) ScanStart Delay Time = (Delay[12:0] +1) * (ScanDotPeriod).
Name/Address
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default
Start Edges
(StartEdges)
$01FF889B
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
Rst Value
xxh
Read Value
00h
Name/Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
Start Edges
(StartEdges)
$01FF889A
StartNeg Value (0-15)
Start trailing edge position =
(StartNeg+1)*(ScanDotScalerPeriod)
StartPos Value (0-15)
Start leading edge position =
(StartPos+1)*(ScanDotScalerPeriod)
Rst Value
00h
Read Value
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com