Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 152 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 152 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 148Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 149Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 150Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 151Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 152Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 153Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 154Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 155Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 156Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 426 page
background image
MFC2000 Multifunctional Peripheral Controller 2000
Hardware Description
7-4
Conexant
100723A
Name/Address
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default
Scan Control
Status
(ScanCtrlStat)
$01FF8543
(Not Used)
(Not Used)
LEDCtrl[2]
enable
(Read only)
LEDCtrl[1]
enable
(Read only)
LEDCtrl[0]
enable
(Read only)
start[2]
enable
(Read only)
start[1]
enable
(Read only)
start[0]
enable
(Read only)
Rst. Value
xx000000b
Read Value
00h
Name/Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
Scan Control
Status
(ScanCtrlStat)
$01FF8542
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
Scan Once
(Read only)
Rst. Value
xxxxxxx0b
Read Value
00h
This register is read only.
The value written in ScanCtrl register will be transferred to this register at the beginning of scan cycle.
Name/Address
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default
VSC IRQ Status
(VSCIRQStatus)
$01FF8545
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
Rst. Value
xxh
Read Value
00h
Name/Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
VSC IRQ Status
(VSCIRQStatus)
$01FF8544
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
SPI
IRQ
MSINT
IRQ
Rst. Value
xxxxxx00b
Read Value
00h
Bit 1
SPI IRQ
This is the interrupt status which comes from SPI block. The enable
for this interrupt can be found in SPI_Config register.
Writing 1 to the status bit will clear the interrupt.
Bit 0
MSINT IRQ
The scanenable must be set in order to have this interrupt active. The
timing of this interrupt is programmable within a scan cycle.
Writing 1 to the status bit will clear the interrupt.
Name/Address
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default
VSC Control
(VSCCtrl)
$01FF8547
Shift Enable[7:0]
Rst. Value
xxh
Read Value
00h
Name/Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
VSC Control
(VSCCtrl)
$01FF8546
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
VSC on EV
bus
ihsclk
period
VSC Mode
Rst. Value
xxxxxxx0b
Read Value
01h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com