Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 150 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 150 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 146Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 147Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 148Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 149Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 150Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 151Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 152Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 153Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 154Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 426 page
background image
MFC2000 Multifunctional Peripheral Controller 2000
Hardware Description
7-2
Conexant
100723A
7.1
Scanner Controller
The function of scanner controller can be divided into three areas:
1.
Scanner sensor controller
2.
Scanner light controller
3.
Scan integrated analog controller
Pins related to scanner and external ADC
# Scanner related
SC_START[0]
SC_LEDCTRL[0]
SC_LEDCTRL[1]/SC_START[1]
SC_LEDCTRL[2]/SC_START[2]
SC_CLK1/SC_CLK2A
GPIO[0]/EXT_CLAMP
GPIO[8]/SC_CLK1/SC_CLK2B
GPIO[15]/SC_CLK1/SC_CLK2C
GPIO[22]/EADC_SAMPLE/SC_CLK2D
EV_VD[5]/ScanIAConfig[5] as GPO
EV_VD[4]/ScanIAConfig[4] as GPO
EV_VD[3]/SAMPLE/CLK2D
EV_VD[2]/CLK1/CLK2C
EV_VD[1]/CLK1/CLK2B
EV_VD[0]/CLAMP
# Ext ADC related
12-bit
ADC
MFC2000
clock
data[0]
data[1]
data[2]
data[3]
data[11:4]
data[11:0]
clk
GPIO[9]/ EADC_D[2]
EV_VD[7:0]/
EADC_D[11:4]
GPIO[6]/ EADC_D[3]
GPIO[22]/ EADC_Sample
PM[0]/GPO[0]/SPI_SID/
EADC_D[0]
PM[1]/GPO[1]/SPI_SIC/
EADC_D[1]
# Related GPIO Configuration:
Configuration
Bit on GPIOConfig2 ($01FF8832)
EXT_CLAMP on GPIO[0]
set bit 4
SC_CLK1/2B on GPIO[8]
set bit 2
SC_CLK1/2C on GPIO[15]
set bit 3
EADC_SAMPLE/SC_CLK2D on GPIO[22]
set bit 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com