Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 146 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 146 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 142Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 143Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 144Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 145Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 146Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 147Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 148Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 149Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 150Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 426 page
background image
MFC2000 Multifunctional Peripheral Controller 2000
Hardware Description
6-4
Conexant
100723A
6.4
Scan Control Timing
In this example, the scan motor has the constant speed. The scan motor stepping is synchronized to the MSINT.
The scan IRQ is used to disable motor stepping when we want to finish scanning. If the delay time for the scan
motor is long enough, the last step will occur after the scan IRQ. Then, we need to use the scan step IRQ
(sstepirq) for disabling motor stepping. The detail description for the motor stepping is described in Section 12.
- Load Delay timer register for scan motor
- Load Step Timer register for scan motor
- Set Stepping mode and dir for scan motor
- Load the initial step pattern
- Set scan motor mode for SM[3:0]
- Enable Step
- Enable Scan IRQ
- Set DMA for Line 1
- Scan Once (Line 1)
MSINT-0
Tics
Step
- Disable Step
- Set DMA for Line 3
- Scan Once (Line 3)
Dela
y
Time
Step
Time
Step
Time
- Enable Scan Video Signals
- Set GPO mode for SM[3:0]
Disable Scan IRQ
Scan IRQs
(Last MSINT)
Step
Scan Line 1
Scan Line 2
Shift Out Line 1
Step
Step
- Set DMA for Line 2
- Scan Once (Line 2)
Step
Step
Scan Line 3
Shift Out Line 2
Shift Out Line 3
Figure 6-3. Scan Control Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com